Electronic Components Datasheet Search
  English  ▼

X  

IP1202 Datasheet(PDF) 6 Page - International Rectifier

Part # IP1202
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1202 Datasheet(HTML) 6 Page - International Rectifier

Back Button IP1202 Datasheet HTML 2Page - International Rectifier IP1202 Datasheet HTML 3Page - International Rectifier IP1202 Datasheet HTML 4Page - International Rectifier IP1202 Datasheet HTML 5Page - International Rectifier IP1202 Datasheet HTML 6Page - International Rectifier IP1202 Datasheet HTML 7Page - International Rectifier IP1202 Datasheet HTML 8Page - International Rectifier IP1202 Datasheet HTML 9Page - International Rectifier IP1202 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.irf.com
6
iP1202
Fig. 6: Normalized Power Loss vs. Frequency
Fig. 4: Normalized Power Loss vs. V
IN
Fig. 5: Normalized Power Loss vs. V
OUT
Fig. 7: Normalized Power Loss vs. Inductance
0.955
0.970
0.985
1.000
1.015
1.030
1.045
1.060
1.075
1.090
1.105
1.120
0.5
1
1.522.5
33.5
4
4.5
5
Output Voltage (V )
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VIN =12V
IOU T 1 =IOU T 2 =15A
f SW =300kHz
L =1.0
µ H
T BLK =125°C
0.910
0.925
0.940
0.955
0.970
0.985
1.000
1.015
1.030
1.045
1.060
200
250
300
350
400
Sw itching Frequency (kHz)
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
VIN =12V
VOUT 1 =VOUT 2 =1.5V
IOUT 1 =IOUT 2 =15A
L =1.0µ H
T BLK =125°C
0.97
1.00
1.03
1.06
1.09
1.12
1.15
1.18
1.21
1.24
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
Output Inductance (PH)
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
VIN =12V
VOUT 1 =VOU T 2 =1.5V
IOU T 1 =IOU T 2 =15A
f SW =300kHz
T BLK =125°C
Fig. 8: Nominal Overcurrent Threshold Setting
External Resistor Selection
0.925
0.940
0.955
0.970
0.985
1.000
1.015
1.030
1.045
1.060
5
6
7
8
9
10
11
12
13
14
Input Voltage (V)
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
VOUT 1 =VOUT 2 =1.5V
IOUT 1 =IOU T 2 =15A
f SW =300kHz
L =1.0µ H
T BLK =125°C
200
220
240
260
280
300
320
340
360
380
400
20
25
30
35
40
45
50
RT in kOhms
Fig. 9: Per Channel Switching Frequency vs R
T
6
8
10
12
14
16
18
20
22
24
Overload Current (A)
5
25
45
65
85
105
125
145
165
185
205
5
10
15
20
25
30
35
40
45
50
55
VOUT = 1.5V
fsw
= 300kHz
L
= 1.0µH
TBLK = 125°C
Vin = 12V
Vin = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com