Electronic Components Datasheet Search
  English  ▼

X  

IP1202 Datasheet(PDF) 8 Page - International Rectifier

Part # IP1202
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1202 Datasheet(HTML) 8 Page - International Rectifier

Back Button IP1202 Datasheet HTML 4Page - International Rectifier IP1202 Datasheet HTML 5Page - International Rectifier IP1202 Datasheet HTML 6Page - International Rectifier IP1202 Datasheet HTML 7Page - International Rectifier IP1202 Datasheet HTML 8Page - International Rectifier IP1202 Datasheet HTML 9Page - International Rectifier IP1202 Datasheet HTML 10Page - International Rectifier IP1202 Datasheet HTML 11Page - International Rectifier IP1202 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.irf.com
8
iP1202
Output2 (Fig. 2)
Maximum power loss
=6.4W /2 = 3.2W
(Fig. 4)
Normalized power loss for input voltage 0.93
(Fig. 5)
Normalized power loss for output voltage 1.075
(Fig. 6)
Normalized power loss for frequency 1.0
(Fig. 7)
Normalized power loss for inductor value 0.98
Adjusted Power Loss = 3.2W x 0.93 x 1.075 x 1.0 x 0.98 3.13W
Total device power loss = 3.7W + 3.13W 6.8W
Example 2) Adjusting for SOA Temperature:
Assuming T
CASE = 110°C & TPCB = 90°C for both outputs
Output1 (Fig. 4)
Normalized SOA Temperature for input voltage -2.3°C
(Fig. 5)
Normalized SOA Temperature for output voltage -0.6°C
(Fig. 6)
Normalized SOA Temperature for frequency 0°C
(Fig. 7)
Normalized SOA Temperature for inductor value ≈−0.7°C
TX axis intercept temp adjustment = -2.3°C - 0.6°C + 1.9°C - 0.7°C -3.6°C
The following example shows how the SOA current is adjusted for a TX change of -3.6°C and output 1 is in SOA
Output2 (Fig. 4)
Normalized SOA Temperature for input voltage -2.3°C
(Fig. 5)
Normalized SOA Temperature for output voltage 3.9°C
(Fig. 6)
Normalized SOA Temperature for frequency 0°C
(Fig. 7)
Normalized SOA Temperature for inductor value ≈ −0.7°C
TX axis intercept temp adjustment = -2.3°C + 3.9°C - 0°C - 0.7°C 0.9°C
The following example shows how the SOA current is adjusted for a TX change of 0.9°C and output 2 is in SOA.
0
1020
3040
5060
7080
90
100
120
110
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0
1020
3040
5060
7080
90
100
110
120
PCB Temperature (ºC)
Cas e Tem peratur e (
ž8Ã
T
X
V
IN = 12V
V
OUT 1 = V OUT 2 = 1.5V
I
OUT = 15A
f
SW = 300kHz
L = 1.8uH
Safe
Operating
Area
Unadjusted SOA Current
Adjusted SOA Current
0
1020
3040
5060
70
80
90
100
120
110
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
0
1020
3040
5060
70
80
90
100
110
120
PCB Temperature (ºC)
Cas e Te m perature (
ž8Ã
T
X
V
IN = 12V
V
OUT 1 = V OUT 2 = 1.5V
I
OUT = 15A
f
SW = 300kHz
L = 1.8uH
Safe
Operating
Area
Unadjusted SOA Current
Adjusted SOA Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com