Electronic Components Datasheet Search
  English  ▼

X  

BISM2 Datasheet(PDF) 4 Page - Laird Tech Smart Technology

Part # BISM2
Description  The BISM2 Bluetooth Serial Module is one of the most compact complete
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BISM2 Datasheet(HTML) 4 Page - Laird Tech Smart Technology

  BISM2 Datasheet HTML 1Page - Laird Tech Smart Technology BISM2 Datasheet HTML 2Page - Laird Tech Smart Technology BISM2 Datasheet HTML 3Page - Laird Tech Smart Technology BISM2 Datasheet HTML 4Page - Laird Tech Smart Technology BISM2 Datasheet HTML 5Page - Laird Tech Smart Technology BISM2 Datasheet HTML 6Page - Laird Tech Smart Technology BISM2 Datasheet HTML 7Page - Laird Tech Smart Technology BISM2 Datasheet HTML 8Page - Laird Tech Smart Technology BISM2 Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
BISM2 Bluetooth™
Hardware Integration Guide
Embedded Wireless Solutions Support
Center: http://ews-
support.lairdtech.com
www.lairdtech.com/bluetooth
4
Laird
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
1 GENERAL DESCRIPTION
Laird’s BISM2 Bluetooth Serial Module is a fully integrated and qualified Class 1 Bluetooth solution designed
for the lowest integration cost and ownership for designers wishing to incorporate Bluetooth functionality
into their products. The module is qualified to Bluetooth Version 2.0.
The BISM2 Bluetooth Serial Module is one of the most compact complete Bluetooth solutions, making it ideal
to integrate into handheld devices. Another version of the BISM2 module is available that retains the same
board size, mounting holes, and connector as the previous Bluetooth module from Laird, allowing users to
access the improved radio performance and functionality without the need for any PCB modifications.
The BISM2 module is based on Cambridge Silicon Radio’s BlueCore 04 chipset. The module contains all of the
hardware and firmware for a complete Bluetooth solution, requiring no further components. The module has
an integrated, high performance antenna which is matched with the Bluetooth RF and baseband circuitry.
The firmware integrated into the BC04 chipset implements the higher layer Bluetooth protocol stack, up to
and including the Generic Access Profile (GAP), Service Discovery Profile (SDAP), Serial Port Profile (SPP), Dial
Up Networking (DUN) profile, Headset Profile (HSP), Hands Free Profile (HFP), File Transfer Profile (FTP) and
Audio Gateway. A virtual processor within the BC04 implements an AT command processor. This interfaces
to the host system over a straight forward serial port using an extensive range of AT commands. The AT
command set abstracts the Bluetooth protocol from the host application, saving many months of
programming and integration time. It provides extremely short integration times for data-oriented cable
replacement and voice applications. A low cost development system is available for fast product evaluation
and development.
An alternative version of firmware is available that provides multi-point programming support.
The module can be configured so that it can attach to a ‘dumb’ terminal or attach to a PC or PDA for cable
replacement applications.
In addition to the Bluetooth functionality, The BISM2 module provides access to 9 General I/O lines and 2
analogue input and output lines. These can be configured to provide connection to simple devices, such as
switches or LEDs, without requiring any external processing. Both the GPIO and ADC lines can be accessed
either via the wired host UART connection, or remotely over the Bluetooth link.
The BISM2 module is supplied in a small form factor PCB (22.0 mm x 34.0 mm x 7.6 mm), that connects to a
main PCB using a 40-way Hirose connector. The interface is compatible with the BISM1 module. The module
includes a high sensitivity, high gain antenna which provides excellent range. Typical open field performance
provides ranges of over 250 metres at transmit powers of 4 mW.
Support is provided for low power modes that make the BISM2 particularly applicable to battery powered
installations.
The BISM2 module is lead-free, RoHS compliant, and supports an industrial temperature range of -40°C to
+85° C.
1.1 Applications
POS equipment
Medical equipment
Telematics
Voice applications
Industrial automation
Automotive applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com