Electronic Components Datasheet Search
  English  ▼

X  

BISM2 Datasheet(PDF) 5 Page - Laird Tech Smart Technology

Part # BISM2
Description  The BISM2 Bluetooth Serial Module is one of the most compact complete
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BISM2 Datasheet(HTML) 5 Page - Laird Tech Smart Technology

  BISM2 Datasheet HTML 1Page - Laird Tech Smart Technology BISM2 Datasheet HTML 2Page - Laird Tech Smart Technology BISM2 Datasheet HTML 3Page - Laird Tech Smart Technology BISM2 Datasheet HTML 4Page - Laird Tech Smart Technology BISM2 Datasheet HTML 5Page - Laird Tech Smart Technology BISM2 Datasheet HTML 6Page - Laird Tech Smart Technology BISM2 Datasheet HTML 7Page - Laird Tech Smart Technology BISM2 Datasheet HTML 8Page - Laird Tech Smart Technology BISM2 Datasheet HTML 9Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
BISM2 Bluetooth™
Hardware Integration Guide
Embedded Wireless Solutions Support
Center: http://ews-
support.lairdtech.com
www.lairdtech.com/bluetooth
5
Laird
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
2 SPECIFICATIONS
2.1 Detailed Specifications
Features
Implementation
Bluetooth Transmission
Class 1
Fully Bluetooth pre-qualified
Bluetooth 2.0
Range
250 metres typical (free space)
Frequency
2.4000 – 2.485 GHz
Max Transmit Power
+6 dBm
Min Transmit Power
-27 dBm
Receive Sensitivity
Better than -86 dB
Data Transfer Rate
Up to 300 Kps
Serial Interface
RS232 bi-directional for commands and data using AT commands
Serial Parameters
Default 9600, n, 8, 1 – Configurable from 1200 bps to 961200 bps
Support DTR, DSR, DCD, RI, RTS, CTS
Physical Size
22.8 x 33.8 x 7.6 mm, 8 g
24.0 x 69.0 x 7.6 mm, 9 g (BISM1 Form Factor)
Current Consumption
Typically 22 mA during data transfer in standard power mode.
Lower powers are attainable with a configurable low power mode.
Low Power Sniff Mode
2.5 mA typ
Temperature Mode
Normal operation: -40º C to +85º C
Supply Voltage
3.6 V – 7.0 V
Brown-out
Integrated brown-out detection
Interface Levels
3.3 V Logic
Audio
Audio can be transferred over SCO channels through the PCM
interface at 64 kbps. PCM can be configured as a master or slave.
Profiles
FTP Server, SPP, DUN, FTP, Audio Gateway, Headset, Handsfree
Multipoint
Max 3 slaves
Field Upgradable
Over UART
Protocols
AT commands control and configure single point firmware.
Standard multipoint firmware uses a simple packet based protocol
and requires a host to enable the module to function effectively.
Single point only allows a point-to-point connection, whereas
multipoint allows more than one simultaneous connection.
GPIO
9 x digital
2 x analogue (8 bit resolution)
Indicators
1 x programmable LED (small form factor board only)
Lead free
Lead free and RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com