Electronic Components Datasheet Search
  English  ▼

X  

BISM2 Datasheet(PDF) 9 Page - Laird Tech Smart Technology

Part # BISM2
Description  The BISM2 Bluetooth Serial Module is one of the most compact complete
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BISM2 Datasheet(HTML) 9 Page - Laird Tech Smart Technology

Back Button BISM2 Datasheet HTML 5Page - Laird Tech Smart Technology BISM2 Datasheet HTML 6Page - Laird Tech Smart Technology BISM2 Datasheet HTML 7Page - Laird Tech Smart Technology BISM2 Datasheet HTML 8Page - Laird Tech Smart Technology BISM2 Datasheet HTML 9Page - Laird Tech Smart Technology BISM2 Datasheet HTML 10Page - Laird Tech Smart Technology BISM2 Datasheet HTML 11Page - Laird Tech Smart Technology BISM2 Datasheet HTML 12Page - Laird Tech Smart Technology BISM2 Datasheet HTML 13Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
BISM2 Bluetooth™
Hardware Integration Guide
Embedded Wireless Solutions Support
Center: http://ews-
support.lairdtech.com
www.lairdtech.com/bluetooth
9
Laird
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
Signal Name
Pin No.
I/O
Voltage Level
Comments
VIHmax = 2.1 V
VIHmax = 3.7 V
UART_CTS
19
O
VILmax – 0.8 V
VIHmin = 2.1 V
VIHmax = 3.7 V
UART_RTS
23
O
VOLmax = 0.2 V
VOHmin = 2.8 V
UART_DSR
10
I
VILmax = 0.2 V
VIHmin = 2.8 V
VIHmax = 3.7 V
UART_DTR
12
O
VOLmax = 0.2 V
VOHmin = 2.8 V
Shared with GPIO3
UART_RI
6
I or
O
O/P:VOLmax = 0.2 V
VOHmin = 2.8 V
I/P: VILmax = 0.8 V
VIHmin = 2.1 V
VIHmax = 3.7 V
Direction may be programmed
UART_DCD
8
I or
O
O/P:VOLmax = 0.2 V
VOHmin = 2.8 V
I/P: VILmax = 0.8 V
VIHmin = 0.8 V
VIHmax – 3.7 V
Direction may be programmed
3.3.2.3
SPI Bus
Signal Name
Pin No.
I/O
Voltage Level
Comments
SPI_MOSI
17
I
VILmax = 0.8 V
VIHmin = 2.1 V
VIHmax = 3.7 V
Used to reprogram Flash
SPI_MISO
5
O
VOLmax = 0.2 V
VOHmin = 2.8 V
SPI_CSB
7
I
VILmax = 0.8 V
VIHmin = 2.1 V
VIHmax = 3.7 V
SPI_CLK
9
I
VILmax = 0.8 V
VIHmin = 2.1 V
VIHmax = 3.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com