Electronic Components Datasheet Search
  English  ▼

X  

BISM2 Datasheet(PDF) 7 Page - Laird Tech Smart Technology

Part # BISM2
Description  The BISM2 Bluetooth Serial Module is one of the most compact complete
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BISM2 Datasheet(HTML) 7 Page - Laird Tech Smart Technology

Back Button BISM2 Datasheet HTML 3Page - Laird Tech Smart Technology BISM2 Datasheet HTML 4Page - Laird Tech Smart Technology BISM2 Datasheet HTML 5Page - Laird Tech Smart Technology BISM2 Datasheet HTML 6Page - Laird Tech Smart Technology BISM2 Datasheet HTML 7Page - Laird Tech Smart Technology BISM2 Datasheet HTML 8Page - Laird Tech Smart Technology BISM2 Datasheet HTML 9Page - Laird Tech Smart Technology BISM2 Datasheet HTML 10Page - Laird Tech Smart Technology BISM2 Datasheet HTML 11Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
BISM2 Bluetooth™
Hardware Integration Guide
Embedded Wireless Solutions Support
Center: http://ews-
support.lairdtech.com
www.lairdtech.com/bluetooth
7
Laird
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
3.2 Pin Descriptions
The Hirose DF12C board-to-board connector on the module is a 40-pin double-row receptacle.
The table below defines the pin functions. Note that this pin-out is as viewed from the underside of the
module.
Pin No.
Signal
Description
Pin No.
Signal
Description
1
Analogue 0
1.8 v max
2
GPIO1
I/O for Host
3
Analogue 1
1.8 v max
4
GPIO2
I/O for Host
5
SPI_MISO
SPI bus serial O/P
6
UART_RI
‘Ring’ Input or Output
7
SPI_CSB
SPI bus chip select I/P
8
UART_DCD
Input or Output
9
SPI_CLK
SPI bus clock I/P
10
UART_DSR
Input
11
GND
12
GPIO3/UART_DTR I/O for Host
13
RESET
Reset I/P*
14
GPIO4
I/O for Host & LED
15
GND
16
GPIO5
I/O for host
17
SPI_MOSI
SPI bus serial I/P
18
GND
19
UART_CTS
Clear to Send I/P
20
PCM_CLK
PCM Clock I/P
21
UART_TX
Transmit Data O/P
22
PCM_IN
PCM Data I/P
23
UART_RTS
Request to Send O/P
24
PCM_SYNC
PCM Sync I/P
25
UART_RX
Receive Data I/P
26
PCM_OUT
PCM Data O/P
27
VCC_3V3
3.3 V monitor
28
N/C
29
VCC_5V
3.6 V < VIN < 7.0 V
30
GND
31
N/C
32
USB/RESERVED
Do not connect
33
GPIO6**
I/O for host
34
USB/RESERVED
Do not connect
35
GPIO7**
I/O for host
36
GND
37
GPIO8**
I/O for host
38
GND
39
GPIO9**
I/O for host
40
N/C
Notes:
* The reset circuitry within the BISM serial modules now incorporates a brown-out detector within
the module. Customers migrating from previous modules should check their implementation, as they
may be able to simplify their external power supply design. The reset line has a fixed 10kOhm pull
down resistor to ground.
** Pins 33, 35 and 37 were N/C on BISM1. Pin 39 was a 1V8 monitor. Designers migrating between
designs should be aware that these are now available as I/O. Default configuration is as an input PIO
lines can be configured through software to be either inputs or outputs with weak or strong pullups
or pull-downs. At reset, all PIO lines are configured as inputs with weak pull-downs.
UART_RX, UART_TX, UART_CTS, UART_RTS, UART_RI, UART_DCD and UART_DSR are all 3.3v level
logic. For example, when RX and TX are idle they will be sitting at 3.3V. Conversely for handshaking
pins CTS, RTS, RI, DCD, DSR a 0v is treated as an assertion.
Pin 6 (UART_RI) is active low. It is normally 3.3v. When a remote device initiates a connection, this
pin goes low. This means that when this pin is converted to RS232 voltage levels it will have the
correct voltage level for assertion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com