Electronic Components Datasheet Search
  English  ▼

X  

MIC2196 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2196
Description  400kHz SO-8 Boost Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2196 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2196 Datasheet HTML 1Page - Micrel Semiconductor MIC2196 Datasheet HTML 2Page - Micrel Semiconductor MIC2196 Datasheet HTML 3Page - Micrel Semiconductor MIC2196 Datasheet HTML 4Page - Micrel Semiconductor MIC2196 Datasheet HTML 5Page - Micrel Semiconductor MIC2196 Datasheet HTML 6Page - Micrel Semiconductor MIC2196 Datasheet HTML 7Page - Micrel Semiconductor MIC2196 Datasheet HTML 8Page - Micrel Semiconductor MIC2196 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
August 2004
1
MIC2196
MIC2196
Micrel
MIC2196
400kHz SO-8 Boost Control IC
Final Information
General Description
Micrel’s MIC2196 is a high efficiency PWM boost control IC
housed in a SO-8 package. The MIC2196 is optimized for low
input voltage applications. With its wide input voltage range
of 2.9V to 14V, the MIC2196 can be used to efficiently boost
voltages in 3.3V, 5V, and 12V systems, as well as 1- or 2-cell
Li Ion battery powered applications. Its powerful 2
Ω output
driver allows the MIC2196 to drive large external MOSFETs.
The MIC2196 is ideal for space-sensitive applications. The
device is housed in the space-saving SO-8 package, whose
low pin-count minimizes external components. Its 400kHz
PWM operation allows a small inductor and small output
capacitors to be used. The MIC2196 can implement all-
ceramic capacitor solutions.
Efficiencies over 90% are achievable over a wide range of
load conditions with the MIC2196’s PWM boost control
scheme. Its fixed frequency PWM architecture also makes
the MIC2196 is ideal for noise-sensitive telecommunications
applications.
MIC2196 features a low current shutdown mode of 1
µA and
programmable undervoltage lockout.
The MIC2196 is available in an 8-pin SOIC package with a
junction temperature range from –40
°C to +125°C.
Typical Application
VIN
5V
47
µF
16V
4.7
µH
Si4884
(
×2)
10k
10nF
1
µF
B530
1.15k
120
µF
20V
(
×3)
10k
0.01
Ω
MIC2196BM
VIN
EN/
UVLO
OUTN
CS
COMP
VDD
GND
FB
VOUT
12V, 3A
Adjustable Output Boost Converter
Features
• 2.9V to 14V input voltage range
• >90% efficiency
• 2
Ω output driver
• 400kHz oscillator frequency
• PWM current mode control
• 0.5
µA micro power shutdown
• Programmable UVLO
• Front edge blanking
• Cycle-by-cycle current limiting
• Frequency foldback short-circuit protection
• 8-pin SOIC package
Applications
• Step-up conversion in telecom/datacom systems
• SLIC power supplies
• SEPIC power supplies
• Low input voltage flyback and forward converters
• Wireless modems
• Cable modems
• ADSL line cards
• Base stations
• 1-and 2-cell Li Ion battery operated equipment
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
50
55
60
65
70
75
80
85
90
95
100
0 0.5 1 1.5 2 2.5 3 3.5 4
OUTPUT CURRENT (A)
MIC2196
5V to 12V Efficiency
V
IN = 5V


Similar Part No. - MIC2196

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2196BM MICREL-MIC2196BM Datasheet
236Kb / 12P
400kHz SO-8 Boost Control IC
MIC2196YM MICREL-MIC2196YM Datasheet
236Kb / 12P
400kHz SO-8 Boost Control IC
MIC2196 MICREL-MIC2196_08 Datasheet
236Kb / 12P
400kHz SO-8 Boost Control IC
More results

Similar Description - MIC2196

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2193 MICREL-MIC2193 Datasheet
63Kb / 10P
400KHZ SO 8 SYNCHRONOUS BUCK CONTROL IC
MIC2194 MICREL-MIC2194 Datasheet
63Kb / 10P
400kHz SO-8 Buck Control IC
MIC2185 MICREL-MIC2185 Datasheet
141Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
MIC2185 MICREL-MIC2185_05 Datasheet
386Kb / 15P
Low Voltage Synchronous Boost PWM Control IC
MIC2194 MICREL-MIC2194_05 Datasheet
64Kb / 10P
400kHz SO-8 Buck Control IC
MIC2196 MICREL-MIC2196_08 Datasheet
236Kb / 12P
400kHz SO-8 Boost Control IC
logo
International Rectifier
IRS2505LPBF IRF-IRS2505LPBF Datasheet
235Kb / 11P
SOT-23 Boost PFC Control IC
IRS2505LPBF IRF-IRS2505LPBF_15 Datasheet
422Kb / 11P
SOT-23 Boost PFC Control IC
logo
Infineon Technologies A...
IRS2505LPBF INFINEON-IRS2505LPBF Datasheet
965Kb / 19P
Boost PFC and SMPS Control IC
2015-9-2
logo
Shenzhen Huazhimei Semi...
HM3800S HMSEMI-HM3800S Datasheet
783Kb / 27P
BOOST CONVERT CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com