Electronic Components Datasheet Search
  English  ▼

X  

MIC2196 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2196
Description  400kHz SO-8 Boost Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2196 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2196 Datasheet HTML 3Page - Micrel Semiconductor MIC2196 Datasheet HTML 4Page - Micrel Semiconductor MIC2196 Datasheet HTML 5Page - Micrel Semiconductor MIC2196 Datasheet HTML 6Page - Micrel Semiconductor MIC2196 Datasheet HTML 7Page - Micrel Semiconductor MIC2196 Datasheet HTML 8Page - Micrel Semiconductor MIC2196 Datasheet HTML 9Page - Micrel Semiconductor MIC2196 Datasheet HTML 10Page - Micrel Semiconductor MIC2196 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MIC2196
Micrel
MIC2196
10
August 2004
A minimum 1
µF ceramic capacitor is required to decouple the
V
IN. The capacitor should be placed near the IC and con-
nected directly between pins 8 (VCC) and 6 (GND). For V
IN
greater than 8V, use a 4.7
µF or a 10µF ceramic capacitor to
decouple the VDD pin.
Efficiency Calculation and Considerations
Efficiency is the ratio of output power to input power. The
difference is dissipated as heat in the boost converter. The
significant contributors at light output loads are:
• The VIN pin supply current which includes the
current required to switch the external
MOSFETs.
• Core losses in the inductor.
To maximize efficiency at light loads:
• Use a low gate charge MOSFET or use the
smallest MOSFET, which is still adequate for the
maximum output current.
• Use a ferrite material for the inductor core, which
has less core loss than an MPP or iron power
core.
The significant contributors to power loss at higher output
loads are (in approximate order of magnitude):
• Resistive on-time losses in the MOSFET
• Switching transition losses in the MOSFET
• Inductor resistive losses
• Current sense resistor losses
• Output capacitor resistive losses (due to the
capacitor’s ESR)
To minimize power loss under heavy loads:
• Use logic level, low on resistance MOSFETs.
Multiplying the gate charge by the on-resistance
gives a figure of merit, providing a good balance
between switching and resistive power dissipa-
tion.
• Slow transition times and oscillations on the
voltage and current waveforms dissipate more
power during the turn-on and turn-off of the low
side MOSFET. A clean layout will minimize
parasitic inductance and capacitance in the gate
drive and high current paths. This will allow the
fastest transition times and waveforms without
oscillations. Low gate charge MOSFETs will
switch faster than those with higher gate charge
specifications.
• For the same size inductor, a lower value will
have fewer turns and therefore, lower winding
resistance. However, using too small of a value
will increase the inductor current and therefore
require more output capacitors to filter the output
ripple.
• Lowering the current sense resistor value will
decrease the power dissipated in the resistor.
However, it will also increase the overcurrent
limit and may require larger MOSFETs and
inductor components to handle the higher
currents.
• Use low ESR output capacitors to minimize the
power dissipated in the capacitor’s ESR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com