Electronic Components Datasheet Search
  English  ▼

X  

MIC2196 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2196
Description  400kHz SO-8 Boost Control IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2196 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2196 Datasheet HTML 3Page - Micrel Semiconductor MIC2196 Datasheet HTML 4Page - Micrel Semiconductor MIC2196 Datasheet HTML 5Page - Micrel Semiconductor MIC2196 Datasheet HTML 6Page - Micrel Semiconductor MIC2196 Datasheet HTML 7Page - Micrel Semiconductor MIC2196 Datasheet HTML 8Page - Micrel Semiconductor MIC2196 Datasheet HTML 9Page - Micrel Semiconductor MIC2196 Datasheet HTML 10Page - Micrel Semiconductor MIC2196 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
August 2004
11
MIC2196
MIC2196
Micrel
Package Information
45
°
0
°–8°
0.244 (6.20)
0.228 (5.79)
0.197 (5.0)
0.189 (4.8)
SEATING
PLANE
0.026 (0.65)
MAX)
0.010 (0.25)
0.007 (0.18)
0.064 (1.63)
0.045 (1.14)
0.0098 (0.249)
0.0040 (0.102)
0.020 (0.51)
0.013 (0.33)
0.157 (3.99)
0.150 (3.81)
0.050 (1.27)
TYP
PIN 1
DIMENSIONS:
INCHES (MM)
0.050 (1.27)
0.016 (0.40)
8-Pin SOIC (M)
MICREL INC.
1849 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or
other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc.
© 2004 Micrel Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com