Electronic Components Datasheet Search
  English  ▼

X  

MIC2204 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2204
Description  High-Efficiency 2MHz Synchronous Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2204 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2204 Datasheet HTML 2Page - Micrel Semiconductor MIC2204 Datasheet HTML 3Page - Micrel Semiconductor MIC2204 Datasheet HTML 4Page - Micrel Semiconductor MIC2204 Datasheet HTML 5Page - Micrel Semiconductor MIC2204 Datasheet HTML 6Page - Micrel Semiconductor MIC2204 Datasheet HTML 7Page - Micrel Semiconductor MIC2204 Datasheet HTML 8Page - Micrel Semiconductor MIC2204 Datasheet HTML 9Page - Micrel Semiconductor MIC2204 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MIC2204
Micrel
M0214-012904
6
January 2004
Block Diagram
Error
Amplifier
SW
COUT
VOUT
FB
EN
BIAS
SYNC_IN
SYNC_OUT
PGND
PWM
Comparator
1.0V
MIC2204
Internal
Supply
Oscillator
Ramp
Generator
VIN
CIN
VIN
Driver
MIC2204 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com