Electronic Components Datasheet Search
  English  ▼

X  

MIC2204 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2204
Description  High-Efficiency 2MHz Synchronous Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2204 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2204 Datasheet HTML 1Page - Micrel Semiconductor MIC2204 Datasheet HTML 2Page - Micrel Semiconductor MIC2204 Datasheet HTML 3Page - Micrel Semiconductor MIC2204 Datasheet HTML 4Page - Micrel Semiconductor MIC2204 Datasheet HTML 5Page - Micrel Semiconductor MIC2204 Datasheet HTML 6Page - Micrel Semiconductor MIC2204 Datasheet HTML 7Page - Micrel Semiconductor MIC2204 Datasheet HTML 8Page - Micrel Semiconductor MIC2204 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MIC2204
Micrel
M0214-012904
4
January 2004
Typical Characteristics
50
55
60
65
70
75
80
85
90
95
100
OUTPUT CURRENT (mA)
Efficiency
vs. Output Current
3V
IN
3.5V
IN
4V
IN
1.8V
OUT
50
55
60
65
70
75
80
85
90
95
100
0
100
200
300
400
500
OUTPUT CURRENT (mA)
Efficiency
vs. Output Current
4.2V
IN
3.6V
IN
3.3V
IN
2.5V
OUT
50
55
60
65
70
75
80
85
90
95
100
0
100
200
300
400
500
OUTPUT CURRENT (mA)
Efficiency
vs. Output Current
3.6V
IN
4.2V
IN
3.3V
OUT
5V
IN
0.99
0.9925
0.995
0.9975
1
1.0025
1.005
1.0075
1.01
0
0.1
0.2
0.3
0.4
0.5
OUTPUT CURRENT (A)
Output Voltage
vs. Output Current
0.99
0.995
1
1.005
1.01
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Output Voltage
vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
0246
SUPPLY VOLTAGE (V)
V
BIAS
vs. Supply Voltage
V
FB = 0V
2.302
2.304
2.306
2.308
2.31
2.312
2.314
2.316
2.318
2.32
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Bias Supply
vs. Temperature
0
50
100
150
200
250
300
350
0123456
SUPPLY VOLTAGE (V)
Quiescent Current
vs. Supply Voltage
V
FB = 0V
298
300
302
304
306
308
310
312
314
316
318
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Quiescent Current
vs. Temperature
V
IN = 3.6V
1.60
1.70
1.80
1.90
2.00
2.10
2.20
2.30
2.40
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Frequency
vs. Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
2.3 2.8 3.3 3.8 4.3 4.8 5.3
SUPPLY VOLTAGE (V)
Enable Threshold
vs. Supply Voltage
Enable On
Enable Off
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Enable Threshold
vs. Temperature
V
IN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com