Electronic Components Datasheet Search
  English  ▼

X  

MIC2204 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2204
Description  High-Efficiency 2MHz Synchronous Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2204 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2204 Datasheet HTML 1Page - Micrel Semiconductor MIC2204 Datasheet HTML 2Page - Micrel Semiconductor MIC2204 Datasheet HTML 3Page - Micrel Semiconductor MIC2204 Datasheet HTML 4Page - Micrel Semiconductor MIC2204 Datasheet HTML 5Page - Micrel Semiconductor MIC2204 Datasheet HTML 6Page - Micrel Semiconductor MIC2204 Datasheet HTML 7Page - Micrel Semiconductor MIC2204 Datasheet HTML 8Page - Micrel Semiconductor MIC2204 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
January 2004
1
M0214-012904
MIC2204
Micrel
Typical Application
MIC2204
High-Efficiency 2MHz Synchronous Buck Converter
General Description
The Micrel MIC2204 is a high-efficiency, 2MHz PWM syn-
chronous buck switching regulator. Power conversion effi-
ciency of above 95% is easily obtainable over a wide range
of applications. A proprietary internal compensation tech-
nique ensures stability with the smallest possible inductor
and ceramic output capacitor.
The MIC2204 operates from 2.3V to 5.5V input and features
internal power MOSFETs that can supply over 600mA of
output current with output voltages down to 1V. The MIC2204
implements a constant 2MHz pulse-width-modulation (PWM)
control scheme which reduces spurious noise in sensitive RF
and communication applications. Additionally, the MIC2204
can be synchronized to an external clock, or multiple MIC2204s
can easily be daisy-chained with the SYNCLOCK feature.
The MIC2204 has a high bandwidth loop (typ. 200kHz) which
allows ultra-fast transient response times. This is very useful
when powering applications that require fast dynamic re-
sponses, such as the CPU cores and RF circuitry in high-
performance cellular phones and PDAs.
The MIC2204 is available in 10-pin MSOP and 3mm
× 3mm
MLF™-10L package options with an operating junction tem-
perature range from –40
°C to 125°C .
Features
• Input voltage range: 2.3V to 5.5V
• Output down to 1V/ 600mA
• 2MHz PWM operation
• Ultra-fast transient response (typical 200kHz GBW)
• Internal compensation
• All ceramic capacitors
• >95% efficiency
• Fully integrated MOSFET switches
• Easily synchronized to external clock
• SYNCLOCK feature to daisy-chain multiple 2204s
• <340
µA quiescent current
• Logic controlled micropower shutdown
• Thermal shutdown and current limit protection
• 10-pin MSOP and 3mm
×3mm MLF™-10L
• –40
°C to +125°C junction temperature range
Applications
• High-efficiency portable power
• Cellular phones
• PDAs
• 802.11 WLAN power supplies
• RF power supplies
• Li Ion battery powered applications
10nF
4.7
µH
3.3V
500mA
2.3V to 6V
4.7
µF
EN
6
5
1
SYNC_IN
SYNC_OUT
10
9
8
7
2
3
4
MIC2204BMM
Adjustable Output Synchronous Buck Converter
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
MLF and
MicroLeadFrame are trademarks of Amkor Technology, Inc.
50
55
60
65
70
75
80
85
90
95
100
0
100
200
300
400
500
OUTPUT CURRENT (mA)
Efficiency
vs. Output Current
3.6V
IN
4.2V
IN
3.3V
OUT
5V
IN


Similar Part No. - MIC2204

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2204BML MICREL-MIC2204BML Datasheet
155Kb / 11P
High-Efficiency 2MHz Synchronous Buck Converter
MIC2204BMM MICREL-MIC2204BMM Datasheet
155Kb / 11P
High-Efficiency 2MHz Synchronous Buck Converter
MIC2204YML MICREL-MIC2204YML Datasheet
155Kb / 11P
High-Efficiency 2MHz Synchronous Buck Converter
MIC2204YMM MICREL-MIC2204YMM Datasheet
155Kb / 11P
High-Efficiency 2MHz Synchronous Buck Converter
MIC2204 MICREL-MIC2204_05 Datasheet
155Kb / 11P
High-Efficiency 2MHz Synchronous Buck Converter
More results

Similar Description - MIC2204

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2202 MICREL-MIC2202 Datasheet
182Kb / 18P
HIGH EFFICIENCY 2MHZ SYNCHRONOUS BUCK CONVERTER 1UP STABLE PWM REGULATOR
logo
Richtek Technology Corp...
RT8005 RICHTEK-RT8005 Datasheet
191Kb / 11P
1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter
logo
Micrel Semiconductor
MIC2202 MICREL-MIC2202_07 Datasheet
571Kb / 19P
High Efficiency 2MHz Synchronous Buck Converter 1關F Stable PWM Regulator
MIC2204 MICREL-MIC2204_05 Datasheet
155Kb / 11P
High-Efficiency 2MHz Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7153 ANPEC-APW7153 Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE7215A ACE-ACE7215A Datasheet
405Kb / 9P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
ACE Technology Co., LTD...
ACE7210A ACE-ACE7210A Datasheet
187Kb / 2P
1A 2MHz 5.5V Synchronous Buck Converter
VER 1.1
ACE7222C ACE-ACE7222C Datasheet
467Kb / 10P
2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
ACE72251LA ACE-ACE72251LA Datasheet
351Kb / 4P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com