Electronic Components Datasheet Search
  English  ▼

X  

MIC2204 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2204
Description  High-Efficiency 2MHz Synchronous Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2204 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2204 Datasheet HTML 1Page - Micrel Semiconductor MIC2204 Datasheet HTML 2Page - Micrel Semiconductor MIC2204 Datasheet HTML 3Page - Micrel Semiconductor MIC2204 Datasheet HTML 4Page - Micrel Semiconductor MIC2204 Datasheet HTML 5Page - Micrel Semiconductor MIC2204 Datasheet HTML 6Page - Micrel Semiconductor MIC2204 Datasheet HTML 7Page - Micrel Semiconductor MIC2204 Datasheet HTML 8Page - Micrel Semiconductor MIC2204 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
January 2004
5
M0214-012904
MIC2204
Micrel
Functional Characteristics
Enable Transient
TIME (40
µs/div.)
V
IN = 3.6V
V
OUT = 1V
L = 4.7
µH
C = 10
µF
Disable Transient
TIME (40
µs/div.)
V
IN = 3.6V
V
OUT = 1V
L = 4.7
µH
C = 10
µF
I
OUT = 500mA
Line Transient
TIME (200
µs/div.)
V
OUT = 1V
L = 4.7
µH
C = 10
µF
I
OUT = 500mA
Load Transient
TIME (20
µs/div.)
V
IN = 3.6V
V
OUT = 2V
L = 4.7
µH
C = 4.7
µF
Switch Node Output Ripple
TIME (400ns/div.)
I
OUT = 500mA
L = 4.7
µH
C = 10
µF X5R
V
IN = 3.6V
V
OUT = 1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com