Electronic Components Datasheet Search
  English  ▼

X  

MIC5010 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5010
Description  Full-Featured High- or Low-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5010 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5010 Datasheet HTML 3Page - Micrel Semiconductor MIC5010 Datasheet HTML 4Page - Micrel Semiconductor MIC5010 Datasheet HTML 5Page - Micrel Semiconductor MIC5010 Datasheet HTML 6Page - Micrel Semiconductor MIC5010 Datasheet HTML 7Page - Micrel Semiconductor MIC5010 Datasheet HTML 8Page - Micrel Semiconductor MIC5010 Datasheet HTML 9Page - Micrel Semiconductor MIC5010 Datasheet HTML 10Page - Micrel Semiconductor MIC5010 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
April 1998
5-93
MIC5010
Micrel
5
Applications Information
Functional Description (Refer to Block Diagram)
The various MIC5010 functions are controlled via a logic
block connected to the input pin 3. When the input is low all
functions are turned off for low standby current, and the gate
of the power MOSFET is also held low through 500
Ω to an
N-channel switch. When the input is taken above the turn-
on threshold (3.5V typical), the N-channel switch turns off
and the charge pump is turned on to charge the gate of the
power FET. A bandgap type voltage regulator is also turned
on which biases the current sense circuitry.
The charge pump incorporates a 100kHz oscillator and on-
chip pump capacitors capable of charging 1 nF to 5V above
supply in 60
µS typical. With the addition of 1nF capacitors
at C1 and C2, the turn-on time is reduced to 25
µS typical.
The charge pump is capable of pumping thegate up to over
twice the supply voltage. For this reason a zener clamp
(12.5V typical) is provided between the gate pin 8 and the
source pin 6 to prevent exceeding the V
GS rating of the
MOSFET at high supplies.
The current sense operates by comparing the sense volt-
age at pin 5 to an offset version of the source voltage at pin
6. Current I4 flowing in threshold pin 4 is mirrored and
returned to the source via a 1k
Ω resistor to set the offset or
trip voltage. When (V
SENSE – VSOURCE) exceeds VTRIP , the
current sense trips and sets the current sense latch to turn
off the power FET. An integrating comparator is used to
reduce sensitivity to spikes on pin 5. The latch is reset to turn
the FET back on by “recycling” the input pin 3 low and then
high again.
A resistor R
TH from pin 4 to ground sets I4, and hence VTRIP.
An additional capacitor C
TH from pin 4 to ground creates a
higher trip voltage at turn-on, which is necessary to prevent
high in-rush current loads such as lamps or capacitors from
false-tripping the current sense.
When the current sense has tripped, the fault pin 14 will be
high as long as the input pin 3 remains high. However, when
the input is low the fault pin will also be low.
Construction Hints
High current pulse circuits demand equipment and assem-
bly techniques that are more stringent than normal, low
current lab practices. The following are the sources of
common pitfalls encountered while prototyping:Supplies:
many bench power supplies have poor transient response.
Circuits that are being pulse tested, or those that operate by
pulse-width modulation will produce strange results when
used with a supply that has poor ripple rejection, or a
peaked transient response. Monitor the power supply volt-
age that appears at the drain of a high-side driver (or the
supply side of the load in a low-side driver) with an oscillo-
scope. It is not uncommon to find bench power supplies in
the 1kW class that overshoot or undershoot by as much as
50% when pulse loaded. Not only will the load current and
voltage measurements be affected, but it is possible to
over-stress various components—especially electrolytic
capacitors—with possibly catastrophic results. A 10
µF sup-
ply bypass capacitor at the chip is recommended.
+
-
V+
CHARGE
PUMP
TEMP
SENSE
V. REG
R
S
Q
LOGIC
MIC5010
3
14
71
4
6
5
8
9
10
11
13
500
Ω
1k
C1 Com C2
V+
Gate
Sense
Source
Ground
Inhibit
Threshold
Input
Fault
1k
+
-
I4
CURRENT
SENSE
LATCH
VTRIP
12.5V
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com