Electronic Components Datasheet Search
  English  ▼

X  

MIC5010 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC5010
Description  Full-Featured High- or Low-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5010 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC5010 Datasheet HTML 8Page - Micrel Semiconductor MIC5010 Datasheet HTML 9Page - Micrel Semiconductor MIC5010 Datasheet HTML 10Page - Micrel Semiconductor MIC5010 Datasheet HTML 11Page - Micrel Semiconductor MIC5010 Datasheet HTML 12Page - Micrel Semiconductor MIC5010 Datasheet HTML 13Page - Micrel Semiconductor MIC5010 Datasheet HTML 14Page - Micrel Semiconductor MIC5010 Datasheet HTML 15Page - Micrel Semiconductor MIC5010 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MIC5010
Micrel
5-98
April 1998
Inhibit
Input
Thresh
Sense
Source
Gnd
Fault
V+
C1
Com
C2
Gate
1
2
3
4
5
6
78
9
10
11
12
13
14
MIC5010
IRFP044 (2)
10µF
20k
Ω
Figure 9. 50-Ampere
Industrial Switch
+
NC
NC
100
Ω
5m
Ω
LOAD
24V
15k
Ω
OFF
330k
Ω
100k
Ω
ON
24V
LVF-15 (RCD)
CR2943-NA102A
(GE)
extends out from the control box, is more easily pressed.
This circuit is compatible with control boxes such as the
CR2943 series (GE). The circuit is configured so that if both
switches close simultaneously, the “off” button has prece-
dence. If there is a fault condition the circuit will latch off, and
it can be reset by pushing the “on” button.
This application also illustrates how two (or more) MOSFETs
can be paralleled. This reduces the switch drop, and distrib-
utes the switch dissipation into multiple packages.
High-Voltage Bootstrap (Figure 10). Although the MIC5010
is limited to operation on 7 to 32V supplies, a floating
bootstrap arrangement can be used to build a high-side
switch that operates on much higher voltages. The MIC5010
and MOSFET are configured as a low-side driver, but the
load is connected in series with ground. The high speed
normally associated with low-side drivers is retained in this
circuit.
Power for the MIC5010 is supplied by a charge pump. A
20kHz square wave (15Vp-p) drives the pump capacitor
and delivers current to a 100
µF storage capacitor. A zener
diode limits the supply to 18V. When the MIC5010 is off,
power is supplied by a diode connected to a 15V supply.
The circuit of Figure 8 is put to good use as a barrier
between low voltage control circuitry and the 90V motor
supply.
Half-Bridge Motor Driver (Figure 11). Closed loop control
of motor speed requires a half-bridge driver. This topology
presents an extra challenge since the two output devices
should not cross conduct (shoot-through) when switching.
Cross conduction increases output device power dissipa-
tion and, in the case of the MIC5010, could trip the over-
current comparator. Speed is also important, since PWM
control requires the outputs to switch in the 2 to 20kHz
range.
The circuit of Figure 11 utilizes fast configurations for both
the top- and bottom-side drivers. Delay networks at each
input provide a 2 to 3
µs dead time effectively eliminating
occurs, the circuit breaker shuts off. The breaker tests the
load every 18ms until the short is removed, at which time the
circuit latches ON. No reset button is necessary.
Opto-Isolated Interface (Figure 8). Although the MIC5010
has no special input slew rate requirement, the lethargic
transitions provided by an opto-isolator may cause oscilla-
tions on the rise and fall of the output. The circuit shown
accelerates the input transitions from a 4N35 opto-isolator
by adding hysteresis. Opto-isolators are used where the
control circuitry cannot share a common ground with the
MIC5010 and high-current power supply, or where the
control circuitry is located remotely. This implementation is
intrinsically safe; if the control line is severed the MIC5010
will turn OFF.
Fault-Protected Industrial Switch (Figure 9). The most
common manual control for industrial loads is a push button
on/off switch. The “on” button is physically arranged in a
recess so that in a panic situation the “off” button, which
Applications Information (Continued)
100k
Ω
Figure 8. Improved
Opto-Isolator Performance
1k
Ω
To MIC5010 Input
100k
Ω
4N35
33k
Ω
33pF
MPSA05
15V
10mA
Control Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com