Electronic Components Datasheet Search
  English  ▼

X  

MIC5010 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5010
Description  Full-Featured High- or Low-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5010 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5010 Datasheet HTML 7Page - Micrel Semiconductor MIC5010 Datasheet HTML 8Page - Micrel Semiconductor MIC5010 Datasheet HTML 9Page - Micrel Semiconductor MIC5010 Datasheet HTML 10Page - Micrel Semiconductor MIC5010 Datasheet HTML 11Page - Micrel Semiconductor MIC5010 Datasheet HTML 12Page - Micrel Semiconductor MIC5010 Datasheet HTML 13Page - Micrel Semiconductor MIC5010 Datasheet HTML 14Page - Micrel Semiconductor MIC5010 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
April 1998
5-97
MIC5010
Micrel
5
Inhibit
Input
Thresh
Sense
Source
Gnd
Fault
V+
C1
Com
C2
Gate
1
2
3
4
5
6
78
9
10
11
12
13
14
MIC5010
IRFZ40
10µF
20k
Ω
Figure 7. 10-Ampere
Electronic Circuit Breaker
+
NC
NC
100
Ω
22m
Ω
LOAD
12V
10k
Ω
10k
Ω
100nF
1N4148
100k
Ω
100k
Ω
100k
Ω
MPSA05
12V
CPSL-3 (Dale)
constant, and it simulates the thermal response of the
filament. If the lamp is pulse-width modulated, the current
limit will be reduced by the residual charge left in C
TH.
Modifying Switching Times. Do not add external capaci-
tors to the gate to slow down the switching time. Add a
resistor (1k
Ω to 51kΩ) in series with the gate of the MOS-
FET to achieve this result.
External capacitors can be added at C1 and C2 for faster
switching times (see Block Diagram). Values of 100pF to
1nF produce useful speed increases. If component count is
critical, C2 (pins 9 to 10) can be used alone with only a small
loss of speed compared to using both capacitors.
Bootstrapped High-Side Driver (Figure 6). The speed of
a high-side driver can be increased to better than 10
µs by
bootstrapping the supply off of the MOSFET source. This
topology can be used where the load is pulse-width modu-
lated (100Hz to 20kHz), or where it is energized for only a
short period of time (
≤25ms). If the load is left energized for
a long period of time (>25ms), the bootstrap capacitor will
discharge and the MIC5010 supply pin will fall to V+ = V
DD
– 1.4. Under this condition pins 5 and 6 will be held above
V+ and may false trigger the over-current circuit. A larger
capacitor will lengthen the maximum “on” time; 1000
µF will
hold the circuit up for 2.5 seconds, but requires more charge
time when the circuit is turned off. The optional Schottky
barrier diode improves turn-on time on supplies of less than
10V.
Since the supply current in the “off” state is only a small
leakage, the 100nF bypass capacitor tends to remain
charged for several seconds after the MIC5010 is turned off.
In a PWM application the chip supply is actually much
higher than the system supply, which improves switching
time.
Electronic Circuit Breaker (Figure 7). The MIC5010 forms
the basis of a high-performance, fast-acting circuit breaker.
By adding feedback from FAULT to INPUT the breaker can
be made to automatically reset. If an over-current condition
Applications Information (Continued)
Inhibit
Input
Thresh
Sense
Source
Gnd
Fault
V+
C1
Com
C2
Gate
1
2
3
4
5
6
78
9
10
11
12
13
14
MIC5010
IRF540
10µF
20k
Ω
Figure 6. Bootstrapped
High-Side Driver
Control Input
+
NC
NC
100
Ω
18m
Ω
LOAD
100nF
1N4001 (2)
1N5817
=7 to 15V
+
V
1mA
R1=
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com