Electronic Components Datasheet Search
  English  ▼

X  

MIC5010 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC5010
Description  Full-Featured High- or Low-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5010 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC5010 Datasheet HTML 8Page - Micrel Semiconductor MIC5010 Datasheet HTML 9Page - Micrel Semiconductor MIC5010 Datasheet HTML 10Page - Micrel Semiconductor MIC5010 Datasheet HTML 11Page - Micrel Semiconductor MIC5010 Datasheet HTML 12Page - Micrel Semiconductor MIC5010 Datasheet HTML 13Page - Micrel Semiconductor MIC5010 Datasheet HTML 14Page - Micrel Semiconductor MIC5010 Datasheet HTML 15Page - Micrel Semiconductor MIC5010 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MIC5010
Micrel
5-100
April 1998
Inhibit
Input
Thresh
Sense
Source
Gnd
Fault
V+
C1
Com
C2
Gate
1
2
3
4
5
6
78
9
10
11
12
13
14
MIC5010
IRF541
1µF
20k
Ω
Figure 11. Half-Bridge
Motor Driver
+
NC
NC
100
Ω
100nF
1N4001 (2)
1N5817
15V
15k
Ω
Inhibit
Input
Thresh
Sense
Source
Gnd
Fault
V+
C1
Com
C2
Gate
1
2
3
4
5
6
78
9
10
11
12
13
14
MIC5010
IRF541
10µF
10k
Ω
22m
Ω
CPSL-3
(Dale)
+
NC
NC
22m
Ω
CPSL-3
(Dale)
1nF
10k
Ω
2N3904
22k
Ω
220pF
1N4148
22k
Ω
15V
M
12V,
10A Stalled
PWM
INPUT
Applications Information (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com