Electronic Components Datasheet Search
  English  ▼

X  

MIC5010BN Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5010BN
Description  Full-Featured High- or Low-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5010BN Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5010BN Datasheet HTML 1Page - Micrel Semiconductor MIC5010BN Datasheet HTML 2Page - Micrel Semiconductor MIC5010BN Datasheet HTML 3Page - Micrel Semiconductor MIC5010BN Datasheet HTML 4Page - Micrel Semiconductor MIC5010BN Datasheet HTML 5Page - Micrel Semiconductor MIC5010BN Datasheet HTML 6Page - Micrel Semiconductor MIC5010BN Datasheet HTML 7Page - Micrel Semiconductor MIC5010BN Datasheet HTML 8Page - Micrel Semiconductor MIC5010BN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
April 1998
5-87
MIC5010
Micrel
5
=24V
IRCZ44
(S=2590,
R=11m
Ω)
10µF
43
Ω
20k
Ω
4.3k
Ω
R
R1
Figure 1. High-Side Driver with
Current-Sensing MOSFET
LOAD
Control Input
V
+
+
Inhibit
Input
Thresh
Sense
Source
Gnd
Fault
V+
C1
Com
C2
Gate
1
2
3
4
5
6
78
9
10
11
12
13
14
MIC5010
NC
NC
S
R1=
100mV
SRR
(SR+R )
V
+
SR(
+100mV)
R I – (
+100mV)
R =
R
=
–1000
2200
V
TRIP
S
For this example:
=30A (trip current)
I
L
=100mV
V
TRIP
S
S
TH
V
TRIP
V
TRIP
L
RTH
SENSE
SOURCE
KELVIN
Ordering Information
Part Number
Temperature Range
Package
MIC5010BN
–40
°C to +85°C
14-pin Plastic DIP
MIC5010BM
–40
°C to +85°C
14-pin SOIC
MIC5010
Full-Featured High- or Low-Side MOSFET Driver
Not Recommended for New Designs
General Description
The MIC5010 is the full-featured member of the Micrel
MIC501X driver family. These ICs are designed to drive the
gate of an N-channel power MOSFET above the supply rail
in high-side power switch applications. The MIC5010 is
compatible with standard or current-sensing power FETs in
both high- and low-side driver topologies.
The MIC5010 charges a 1nF load in 60
µs typical and
protects the MOSFET from over-current conditions. Faster
switching is achieved by adding two 1nF charge pump
capacitors. The current sense trip point is fully program-
mable and a dynamic threshold allows high in-rush current
loads to be started. A fault pin indicates when the MIC5010
has turned off the FET due to excessive current.
Other members of the Micrel driver family include the
MIC5011 minimum parts count 8 pin driver, MIC5012 dual
driver, and MIC5013 protected 8 pin driver.
Features
• 7V to 32V operation
• Less than 1
µA standby current in the “OFF” state
• Internal charge pump to drive the gate of an N-channel
power FET above supply
• Available in small outline SOIC packages
• Internal zener clamp for gate protection
•25
µs typical turn-on time to 50% gate overdrive
• Programmable over-current sensing
• Dynamic current threshold for high in-rush loads
• Fault output pin indicates current faults
• Implements high- or low-side switches
Applications
• Lamp drivers
• Relay and solenoid drivers
• Heater switching
• Power bus switching
• Motion control
• Half or full H-bridge drivers
Typical Application
Protected under one or more of the following Micrel patents:
patent #4,951,101; patent #4,914,546
Note: The MIC5010 is ESD sensitive.


Similar Part No. - MIC5010BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5011 MICREL-MIC5011 Datasheet
121Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5011 MICREL-MIC5011 Datasheet
213Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5011BM MICREL-MIC5011BM Datasheet
121Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5011BM MICREL-MIC5011BM Datasheet
213Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5011BN MICREL-MIC5011BN Datasheet
121Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
More results

Similar Description - MIC5010BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5011 MICREL-MIC5011 Datasheet
121Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
Protected High- or Low-Side MOSFET Driver
MIC5014-1 MICREL-MIC5014-1 Datasheet
76Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver Final Information
MIC5014 MICREL-MIC5014 Datasheet
85Kb / 9P
Low-Cost High- or Low-Side MOSFET Driver
MIC5016 MICREL-MIC5016 Datasheet
130Kb / 9P
Low-Cost Dual High- or Low-Side MOSFET Driver
MIC5011 MICREL-MIC5011_05 Datasheet
213Kb / 12P
Minimum Parts High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
Protected High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014_05 Datasheet
515Kb / 12P
Low-Cost High- or Low-Side MOSFET Driver
MIC5016 MICREL-MIC5016_02 Datasheet
85Kb / 12P
Low-Cost Dual High- or Low-Side MOSFET Driver
logo
Microchip Technology
PIC16F1614 MICROCHIP-PIC16F1614 Datasheet
415Kb / 19P
Full-Featured, Low Pin Count, High-Temperature Microcontrollers
Revision A 2/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com