Electronic Components Datasheet Search
  English  ▼

X  

MIC5010BN Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5010BN
Description  Full-Featured High- or Low-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5010BN Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5010BN Datasheet HTML 1Page - Micrel Semiconductor MIC5010BN Datasheet HTML 2Page - Micrel Semiconductor MIC5010BN Datasheet HTML 3Page - Micrel Semiconductor MIC5010BN Datasheet HTML 4Page - Micrel Semiconductor MIC5010BN Datasheet HTML 5Page - Micrel Semiconductor MIC5010BN Datasheet HTML 6Page - Micrel Semiconductor MIC5010BN Datasheet HTML 7Page - Micrel Semiconductor MIC5010BN Datasheet HTML 8Page - Micrel Semiconductor MIC5010BN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MIC5010
Micrel
5-88
April 1998
Pin Description (Refer to Figures 1 and 2)
Pin Number
Pin Name
Pin Function
1
Inhibit
Inhibits current sense function when connected to supply. Normally
grounded.
3
Input
Resets current sense latch and turns on power MOSFET when taken above
threshold (3.5V typical). Pin 3 requires <1
µA to switch.
4
Threshold
Sets current sense trip voltage according to:
2200
R
+1000
TRIP
V=
TH
where R
TH to ground is 3.3k to 20kΩ. Adding capacitor CTH increases the
trip voltage at turn-on to 2V. Use C
TH =10µF for a 10mS turn-on time
constant.
5
Sense
The sense pin causes the current sense to trip when V
SENSE is VTRIP above
V
SOURCE. Pin 5 is used in conjunction with a current shunt in the source of
a 3 lead FET or a resistor R
S in the sense lead of a current sensing FET.
6
Source
Reference for the current sense voltage on pin 5 and return for the gate
clamp zener. Connect to the load side of current shunt or kelvin lead of
current sensing FET. Pins 5 and 6 can safely swing to –10V when turning
off inductive loads.
7
Ground
8
Gate
Drives and clamps the gate of the power FET. Pin 8 will be clamped to
approximately –0.7V by an internal diode when turning off inductive loads.
9, 10, 11
C2, Com, C1
Optional 1nF capacitors reduce gate turn-on time; C2 has dominant effect.
13
V+
Supply pin; must be decoupled to isolate from large transients caused by
the power FET drain. 10
µF is recommended close to pins 13 and 7.
14
Fault
Outputs status of protection circuit when pin 3 is high. Fault low indicates
normal operation; fault high indicates current sense tripped.
Absolute Maximum Ratings (Note 1, 2)
Inhibit Voltage, Pin 1
–1V to V+
Input Voltage, Pin 3
–10V to V+
Threshold Voltage, Pin 4
– 0.5 to +5V
Sense Voltage, Pin 5
–10V to V+
Source Voltage, Pin 6
–10V to V+
Current into Pin 6
50 mA
Gate Voltage, Pin 8
–1V to 50V
Supply Voltage (V+), Pin 13
–0.5V to 36V
Fault Output Current, Pin 14
–1mA to +1mA
Junction Temperature
150
°C
Operating Ratings (Notes 1, 2)
Power Dissipation
1.56W
θ
JA (Plastic DIP)
80
°C/W
θ
JA (SOIC)
115
°C/W
Ambient Temperature: B version
–40
°C to +85°C
Storage Temperature
–65
°C to +150°C
Lead Temperature
260
°C
(Soldering, 10 seconds)
Supply Voltage (V+), Pin 13
7V to 32V high side
7V to 15V low side
Pin Configuration
Inhibit
Input
Thresh
Sense
Source
Gnd
Fault
V+
C1
Com
C2
Gate
1
2
3
4
5
6
7
8
9
10
11
12
13
14
MIC5010
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com