Electronic Components Datasheet Search
  English  ▼

X  

MIC5010BN Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC5010BN
Description  Full-Featured High- or Low-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5010BN Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC5010BN Datasheet HTML 8Page - Micrel Semiconductor MIC5010BN Datasheet HTML 9Page - Micrel Semiconductor MIC5010BN Datasheet HTML 10Page - Micrel Semiconductor MIC5010BN Datasheet HTML 11Page - Micrel Semiconductor MIC5010BN Datasheet HTML 12Page - Micrel Semiconductor MIC5010BN Datasheet HTML 13Page - Micrel Semiconductor MIC5010BN Datasheet HTML 14Page - Micrel Semiconductor MIC5010BN Datasheet HTML 15Page - Micrel Semiconductor MIC5010BN Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
MIC5010
Micrel
5-102
April 1998
V
+
C1
C2
COM
500
Ω
12.5V
G
S
125pF
125pF
100 kHz
OSCILLATOR
OFF
ON
GATE CLAMP
ZENER
Figure 14. Gate Control
Circuit Detail
Q1
Q2
Q3
Q4
Q5
Q6
C1
C2
Applications Information (Continued)
Gate Control Circuit
When applying the MIC5010, it is helpful to understand the
operation of the gate control circuitry (see Figure 14). The
gate circuitry can be divided into two sections: 1) charge
pump (oscillator, Q1-Q5, and the capacitors) and 2) gate
turn-off switch (Q6).
When the MIC5010 is in the OFF state, the oscillator is
turned off, thereby disabling the charge pump. Q5 is also
turned off, and Q6 is turned on. Q6 holds the gate pin (G) at
ground potential which effectively turns the external MOS-
FET off.
Q6 is turned off when the MIC5010 is commanded on. Q5
pulls the gate up to supply (through 2 diodes). Next, the
charge pump begins supplying current to the gate. The gate
accepts charge until the gate-source voltage reaches 12.5V
and is clamped by the zener diode.
A 2-output, three-phase clock switches Q1-Q4, providing a
quasi-tripling action. During the initial phase Q4 and Q2 are
ON. C1 is discharged, and C2 is charged to supply through
Q5. For the second phase Q4 turns off and Q3 turns on,
pushing pin C2 above supply (charge is dumped into the
gate). Q3 also charges C1. On the third phase Q2 turns off
and Q1 turns on, pushing the common point of the two
capacitors above supply. Some of the charge in C1 makes
its way to the gate. The sequence is repeated by turning Q2
and Q4 back on, and Q1 and Q3 off.
In a low-side application operating on a 12 to 15V supply,
the MOSFET is fully enhanced by the action of Q5 alone. On
supplies of more than approximately 14V, current flows
directly from Q5 through the zener diode to ground. To
prevent excessive current flow, the MIC5010 supply should
be limited to 15V in low-side applications.
The action of Q5 makes the MIC5010 operate quickly in
low-side applications. In high-side applications Q5
precharges the MOSFET gate to supply, leaving the charge
pump to carry the gate up to full enhancement 10V above
supply. Bootstrapped high-side drivers are as fast as low-
side drivers since the chip supply is boosted well above the
drain at turn-on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com