Electronic Components Datasheet Search
  English  ▼

X  

MIC5010BN Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5010BN
Description  Full-Featured High- or Low-Side MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5010BN Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5010BN Datasheet HTML 1Page - Micrel Semiconductor MIC5010BN Datasheet HTML 2Page - Micrel Semiconductor MIC5010BN Datasheet HTML 3Page - Micrel Semiconductor MIC5010BN Datasheet HTML 4Page - Micrel Semiconductor MIC5010BN Datasheet HTML 5Page - Micrel Semiconductor MIC5010BN Datasheet HTML 6Page - Micrel Semiconductor MIC5010BN Datasheet HTML 7Page - Micrel Semiconductor MIC5010BN Datasheet HTML 8Page - Micrel Semiconductor MIC5010BN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MIC5010
Micrel
5-90
April 1998
V+
50
Ω
S2
3.5k
VS
1nF
1nF
1nF
I14
I8
Inhibit
Input
Thresh
Sense
Source
Gnd
Fault
V+
C1
Com
C2
Gate
1
2
3
4
5
6
7
8
9
10
11
12
13
14
MIC5010
V3
S3 I4
S1
+ 1µF
I5
V1
500
Ω
1W
S4
NC
NC
Test Circuit
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
Supply Current
SUPPLY VOLTAGE (V)
0
3
6
9
12
15
SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
DC Gate Voltage
above Supply
Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com