Electronic Components Datasheet Search
  English  ▼

X  

MICRF008BM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MICRF008BM
Description  QwikRadio??Sweep-Mode Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008BM Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MICRF008BM Datasheet HTML 3Page - Micrel Semiconductor MICRF008BM Datasheet HTML 4Page - Micrel Semiconductor MICRF008BM Datasheet HTML 5Page - Micrel Semiconductor MICRF008BM Datasheet HTML 6Page - Micrel Semiconductor MICRF008BM Datasheet HTML 7Page - Micrel Semiconductor MICRF008BM Datasheet HTML 8Page - Micrel Semiconductor MICRF008BM Datasheet HTML 9Page - Micrel Semiconductor MICRF008BM Datasheet HTML 10Page - Micrel Semiconductor MICRF008BM Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
July 2003
7
MICRF008
MICRF008
Micrel
DO Pin
The output stage for the Data Comparator (DO pin) is shown
in Figure 4. The output is a 10
µA push-10µA pull, switched
current stage. Such an output stage is capable of driving
CMOS-type loads.
VDDBB
VSSBB
Compa-
rator
10
µA
10
µA
DO
Figure 4. DO Pin
REFOSC Pin
The REFOSC input circuit is shown in Figure 5. Input imped-
ance is quite high (200k
Ω). This is a Colpitts oscillator, with
internal 30pF capacitors. This input is intended to work with
standard ceramic resonators, connected from this pin to
V
SSBB. The resonators should not contain integral capaci-
tors, since these capacitors are contained inside the IC.
Externally applied signals should be AC-coupled, amplitude
limited to approximately 0.5V
PP. The nominal DC bias volt-
age on this pin is 1.4V.
250
Ω
200k
Active
Bias
REFOSC
30pF
30pF
15
µA
VDDBB
VSSBB
VSSBB
Figure 5. REFOSC Pin
Control Input (SEL0)
Control input circuitry is shown in Figure 6. The standard input
is a logic inverter constructed with minimum geometry
MOSFETs (Q2, Q3). P-Channel MOSFET Q1 is a large
channel length device which functions essentially as a “weak”
pullup to V
DDBB. Typical pullup current is 5µA, leading to an
impedance to the V
DDBB supply of typically 1MΩ.
to Internal
Circuits
VDDBB
VSSBB
Logic
Input
Q2
Q3
Q1
VSSBB
Figure 6. SEL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com