Electronic Components Datasheet Search
  English  ▼

X  

MICRF008BM Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MICRF008BM
Description  QwikRadio??Sweep-Mode Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008BM Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MICRF008BM Datasheet HTML 4Page - Micrel Semiconductor MICRF008BM Datasheet HTML 5Page - Micrel Semiconductor MICRF008BM Datasheet HTML 6Page - Micrel Semiconductor MICRF008BM Datasheet HTML 7Page - Micrel Semiconductor MICRF008BM Datasheet HTML 8Page - Micrel Semiconductor MICRF008BM Datasheet HTML 9Page - Micrel Semiconductor MICRF008BM Datasheet HTML 10Page - Micrel Semiconductor MICRF008BM Datasheet HTML 11Page - Micrel Semiconductor MICRF008BM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MICRF008
Micrel
MICRF008
8
July 2003
Test Circuit
SEL0
VSS
REFOSC
REFOSC
ANT
CAGC
VDD
CTH
DO
C4
Z5
C5
R2
R1
U1
MICRF008BM
+5V
+5V
DO
C3
Y1
ANT1
C6
C2
C1
J1
1
2
3
4
8
7
6
5
JP1
Z4
Z3
Z1
Z =
±jX
J2
Z2
1
Test Circuit and Application Information
The test circuit is based on the EVAL8 PCB
Design. Gerbers, the bill of material and complete
schematic
are
available
at
Micrel
website
(http://www.micrel.com/product-info/qwikradio.shtml). EVAL8
provides the means for a complete evaluation of the
MICRF008BM. It is not intended as a final receiver design.
For final receiver applications, look for the RX8-x series of
reference designs. The board is a FR4 material, 0.062 inch
thick, in two layers. It is strongly recommended that all RF
designs are made in a minimum two-layer board, one side
being as solid ground as possible. Blank EVAL8 boards are
available for selected customers. To obtain a blank board
contact your local Micrel representative/distributor. Four draw-
ings are shown below, the top layer, bottom layer, the top
silkscreen layer, and the bottom silkscreen layer. The size of
the board is 0.910 x 0.760 inches. It provides the means to
test the part thoroughly.
Figure 7a. Top Layer
Figure 7c. Top Silkscreen Layer
Figure 7b. Bottom Layer
Figure 7d. Bottom Silkscreen Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com