Electronic Components Datasheet Search
  English  ▼

X  

MICRF008BM Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MICRF008BM
Description  QwikRadio??Sweep-Mode Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008BM Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MICRF008BM Datasheet HTML 4Page - Micrel Semiconductor MICRF008BM Datasheet HTML 5Page - Micrel Semiconductor MICRF008BM Datasheet HTML 6Page - Micrel Semiconductor MICRF008BM Datasheet HTML 7Page - Micrel Semiconductor MICRF008BM Datasheet HTML 8Page - Micrel Semiconductor MICRF008BM Datasheet HTML 9Page - Micrel Semiconductor MICRF008BM Datasheet HTML 10Page - Micrel Semiconductor MICRF008BM Datasheet HTML 11Page - Micrel Semiconductor MICRF008BM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MICRF008
Micrel
MICRF008
10
July 2003
C
TH Capacitor
In order to calculate the right value for the C
TH capacitor, the
data format needs to have a preamble that resembles the
data pattern, that is it has the same period and duty cycle.
(See
“Application Hint 42”. ) If the data pattern has no
preamble, a large capacitor value should be used, such as
1
µF to 2.2µF. However, if the data pattern has a preamble,
the C
TH capacitor can be calculated and should be used
instead of a large capacitor. This will guarantee a stable and
reliable performance for the receiver. If the data pattern has
variable data rates, the C
TH capacitor should be calculated
for the lowest data rate and optimized in range tests. To find
the C
TH capacitor value follow the procedure below:
1. Find the data period or bit period, and the
reference oscillator frequency. The reference
oscillator frequency is the RF carrier frequency
divided by 129. The bit period is the elapsed
time from one high and one low of the data
pattern.
2. The C
TH capacitor is calculated by:
C=
5 bit period REFOSC
144.55 10
F
TH
3
××
×
[]
where:
• REFOSC is the reference oscillator frequency in
MHz.
• Bit period is given in seconds and is the inverse
of the baud rate for Manchester encoding.
• The result obtained is in farads.
It follows the C
TH capacitor value for the common frequencies
mentioned above in the Table 4. Again, as mentioned before,
the data pattern needs preamble.
Baud Rate (Hz)
1000
2400
4800
Frequency (MHz)
CTH
CTH
CTH
315
82nF
39nF
18nF
390
100nF
47nF
22nF
418
120nF
47nF
22nF
433.92
120nF
47nF
22nF
Table 4. Recommended CTH Capacitor Values
C
AGC Capacitor
The function of the C
AGC capacitor is to minimize the ripple on
the AGC control voltage by using a sufficiently large capaci-
tor. It is suggested a value between 1
µF to 10µF depending
on data dead time, noise, and recovery time from strong to
low RF signals. Large capacitor values can be connected to
V
DD if fast charge time is required (C2). When connected to
V
DD, it will charge 10 times faster. The drawback is the ripple
noise from AGC pin being thrown into the V
DD line. The signal
on this pin is current-based, with an attack current of 15
µA,
and a decay current of 1.5
µA. It is suggested the following
values for the C
AGC capacitors in the Table 5. Values can be
further optimized during receiver range tests.
Baud Rate (Hz)
CAGC (µF)
1000
4.7 to 10
2400
2.2 to 4.7
4800
1 to 2.2
Table 5. Recommended Values for C
AGC
Reference Oscillator Frequency
A Colpitts oscillator inside the chip generates the reference
oscillator frequency. It requires a resonator of some kind
connected to the REFOSC pin. Either a ceramic resonator or
a crystal can be used. A resonator is chosen due to its lower
cost and because the MICRF008BM is running in sweep
mode, which does not require the precision of a crystal.
Resonators found in the market normally have a precision of
0.5%. This precision is sufficient for the MICRF008BM. The
reference oscillator frequency can also be generated by an
external source through connector J1 and capacitor C1. The
maximum level should not exceed 0.5V
RMS. The reference
oscillator frequency is calculated by the following equation
and Table 6 shows the resonator frequency for the most
common used frequencies:
REFOSC =
fc
129
where:
• REFOSC is the reference oscillator frequency in
MHz.
• fc is the RF received carrier frequency of interest
in MHz.
Freq. (MHz)
REFOSC (MHz)
315.0
2.44
390.0
3.02
418.0
3.24
433.92
3.36
Table 6. Reference Oscillator Frequency
For a list of ceramic resonator manufactures, see
“Applica-
tion Hint 35.”
SEL0 Pin – Setting the Demodulator Bandwidth
The SEL0 pin sets the demodulator bandwidth. When the pin
is connected to ground the demodulator bandwidth is set to
its minimum. When the pin is left floating (internal pull-up) or
connected to V
DD, the demodulator bandwidth is set to its
maximum. The demodulator bandwidth is a function of the RF
frequency used. See Table 7 for the most common frequency
used versus the demodulator bandwidth.
RF Carrier Frequency (MHz)
SEL0
315
390
418
433.92
0
1.6kHz
2.0kHz
2.2kHz
2.4kHz
1
3.6kHz
4.0kHz
4.4kHz
4.8kHz
Table 7. Demodulator Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com