Electronic Components Datasheet Search
  English  ▼

X  

MICRF008BM Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF008BM
Description  QwikRadio??Sweep-Mode Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF008BM Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF008BM Datasheet HTML 4Page - Micrel Semiconductor MICRF008BM Datasheet HTML 5Page - Micrel Semiconductor MICRF008BM Datasheet HTML 6Page - Micrel Semiconductor MICRF008BM Datasheet HTML 7Page - Micrel Semiconductor MICRF008BM Datasheet HTML 8Page - Micrel Semiconductor MICRF008BM Datasheet HTML 9Page - Micrel Semiconductor MICRF008BM Datasheet HTML 10Page - Micrel Semiconductor MICRF008BM Datasheet HTML 11Page - Micrel Semiconductor MICRF008BM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
July 2003
11
MICRF008
MICRF008
Micrel
To determine what is the demodulator bandwidth required for
the application, the absolute minimum pulse width used in the
encoder transmitted signal needs to be found. The data
pattern has several different types of pulse width depending
what data format is being used (NRZ, Manchester, PWM,
etc). The minimum pulsewidth is the shortest pulse in the
output of the encoder being sent to the transmitter input
measured during one bit time when the signal is high. See
Figure 9 below for clarification.
Shortest
pulsewidth
Data 50%
Manchester
Dead Time
Preamble
bit period = 1/data rate
Figure 9. Data Pattern
Then, the demodulator bandwidth required is calculated by,
Demod BW =
0.65
shortest pulse
Hz
[]
Data Squelching
Data squelching can be achieved by software or hardware.
The software squelch is preferred over hardware squelch for
it is more flexible, reliable, lower cost over manufacturing, etc.
However, it takes time and resources to develop any soft-
ware. If one needs a squelch function, a resistor can be used
in the C
TH pin. R1 and R2 are in the test circuit for this
purpose. Either one of them can be used or both. If only one
resistor is used, the value of the resistor should be chosen
according to the amount of squelch needed and if the DO pin
needs to be sitting high or low without an RF income signal.
Values from 10M
Ω and below can be used. When both
resistors are used, a more accurate control can be achieved
for the squelch function.
The drawbacks using these resistors are: loss in receiver
sensitivity, reduced demodulator bandwidth, and the C
TH
capacitor equation will not work. As a result, C
TH capacitor
will have to be determined empirically. Another way to imple-
ment a hardware squelch is to make R1 equal to 10M
Ω to
6.8M
Ω, and use a low-pass filter after the DO pin and a
comparator circuit. The low-pass filter can be a capacitor,
which is C6 in the Test Circuit. The reference voltage in the
comparator can be set close to VDD/2 and the other input
connected to the DO pin.
Power Supply Filter
A decoupling capacitor right at the V
DD pin is strongly
recommended as it is in the test circuit, which has 0.1
µF. Not
shown in the Test Circuit Schematic is an EMI Inductor, L1 in
the silkscreen layer. It has the purpose to further filter an
income noise on the V
DD line, generally present in switching
power supplies. It is good practice to separate RF ground
from digital ground and also V
DD RF from other VDD lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com