Electronic Components Datasheet Search
  English  ▼

X  

AD5426 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5426
Description  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5426 Datasheet(HTML) 1 Page - Analog Devices

  AD5426 Datasheet HTML 1Page - Analog Devices AD5426 Datasheet HTML 2Page - Analog Devices AD5426 Datasheet HTML 3Page - Analog Devices AD5426 Datasheet HTML 4Page - Analog Devices AD5426 Datasheet HTML 5Page - Analog Devices AD5426 Datasheet HTML 6Page - Analog Devices AD5426 Datasheet HTML 7Page - Analog Devices AD5426 Datasheet HTML 8Page - Analog Devices AD5426 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
AD5426/AD5432/AD5443*
8-/10-/12-Bit High Bandwidth
Multiplying DACs with Serial Interface
FEATURES
3.0 V to 5.5 V Supply Operation
50 MHz Serial Interface
10 MHz Multiplying Bandwidth
10 V Reference Input
Low Glitch Energy < 2 nV-s
Extended Temperature Range –40 C to +125 C
10-Lead MSOP Package
Pin Compatible 8-, 10-, and 12-Bit Current
Output DACs
Guaranteed Monotonic
4-Quadrant Multiplication
Power-On Reset with Brownout Detection
Daisy-chain Mode
Readback Function
0.4
A Typical Power Consumption
APPLICATIONS
Portable Battery-Powered Applications
Waveform Generators
Analog Processing
Instrumentation Applications
Programmable Amplifiers and Attenuators
Digitally Controlled Calibration
Programmable Filters and Oscillators
Composite Video
Ultrasound
Gain, Offset, and Voltage Trimming
GENERAL DESCRIPTION
The AD5426/AD5432/AD5443 are CMOS 8-, 10-, and 12-bit
current output digital-to-analog converters, respectively.
These devices operate from a 3.0 V to 5.5 V power supply,
making them suited to battery-powered applications and many
other applications.
These DACs utilize double buffered 3-wire serial interface that
is compatible with SPI®, QSPI™, MICROWIRE™, and most
DSP interface standards. In addition, a serial data out pin (SDO)
allows for daisy-chaining when multiple packages are used. Data
readback allows the user to read the contents of the DAC register
via the SDO pin. On power-up, the internal shift register and
latches are filled with 0s and the DAC outputs are at zero scale.
As a result of manufacture on a CMOS submicron process, they
offer excellent 4-quadrant multiplication characteristics, with
large signal multiplying bandwidths of 10 MHz.
FUNCTIONAL BLOCK DIAGRAM
CONTROL LOGIC AND
INPUT SHIFT REGISTER
SCLK
SYNC
AD5426/
AD5432/
AD5443
VREF
IOUT2
RFB
R
8-/10-/12-BIT
R-2R DAC
DAC REGISTER
SDIN
INPUT LATCH
VDD
GND
SDO
POWER-ON
RESET
IOUT1
*U.S. Patent No. 5,689,257
The applied external reference input voltage (VREF) determines
the full-scale output current. An integrated feedback resistor (RFB)
provides temperature tracking and full-scale voltage output when
combined with an external current to voltage precision amplifier.
The AD5426/AD5432/AD5443 DACs are available in small
10-lead MSOP packages.


Similar Part No. - AD5426

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5426 AD-AD5426 Datasheet
860Kb / 32P
Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
7/04-Revision 0
AD5426 AD-AD5426 Datasheet
584Kb / 20P
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5426 AD-AD5426 Datasheet
753Kb / 25P
Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5426 AD-AD5426 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5426 AD-AD5426 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results

Similar Description - AD5426

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5449YRUZ AD-AD5449YRUZ Datasheet
619Kb / 32P
Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5449 AD-AD5449_15 Datasheet
939Kb / 29P
Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com