Electronic Components Datasheet Search
  English  ▼

X  

AD5426 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5426
Description  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5426 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5426 Datasheet HTML 6Page - Analog Devices AD5426 Datasheet HTML 7Page - Analog Devices AD5426 Datasheet HTML 8Page - Analog Devices AD5426 Datasheet HTML 9Page - Analog Devices AD5426 Datasheet HTML 10Page - Analog Devices AD5426 Datasheet HTML 11Page - Analog Devices AD5426 Datasheet HTML 12Page - Analog Devices AD5426 Datasheet HTML 13Page - Analog Devices AD5426 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
REV. 0
–10–
AD5426/AD5432/AD5443
VOLTAGE (V)
5.5
1.8
1.6
0
0.8
0.6
0.4
0.2
1.4
1.0
1.2
5.0
4.5
4.0
3.5
3.0
2.5
TA = 25 C
VIL
VIH
TPC 28. Threshold Voltages
vs. Supply Voltage
FREQUENCY (Hz)
0
–70
–100
50
0
–10
–60
–80
–90
–40
–50
–20
–30
100 150 200 250 300 350 400 450 500
TA = 25 C
VREF = 3.5V
AD8038 AMP
AD5443
TPC 31. Wideband SFDR
fOUT = 50 kHz, Update = 1 MHz
FREQUENCY (Hz)
0
–70
–100
12
10
–10
–60
–80
–90
–40
–50
–20
–30
14
16
18
20
22
24
26
28
30
TA = 25 C
VREF = 3.5V
AD8038 AMP
AD5443
TPC 34. Narrowband (
±50%)
SFDR fOUT = 20 kHz,
Update = 1 MHz
f
OUT (kHz)
100
80
0
50
40
60
40
20
30
20
10
0
TA = 25 C
VREF = 3.5V
AD8038 AMP
AD5443
MCLK = 500kHz
MCLK = 200kHz
MCLK = 1MHz
TPC 29. Wideband SFDR vs.
fOUT Frequency (AD5443)
FREQUENCY (Hz)
0
–70
–100
50
0
–10
–60
–80
–90
–40
–50
–20
–30
100 150 200 250 300 350 400 450 500
TA = 25 C
VREF = 3.5V
AD8038 AMP
AD5443
TPC 32. Wideband SFDR
fOUT = 20 kHz, Update = 1 MHz
FREQUENCY (Hz)
10
15
20
25
35
30
0
–10
–100
–20
–30
–40
–50
–60
–70
–80
–90
TA = 25 C
VREF = 3.5V
AD8038 AMP
AD5443
TPC 35. Narrowband (
±50%)
IMD, fOUT = 20 kHz, 25 kHz,
Update = 1 MHz
f
OUT (kHz)
80
60
0
50
40
40
20
30
20
10
0
TA = 25 C
VREF = 3.5V
AD8038 AMP
AD5426
MCLK = 1MHz
MCLK = 200kHz
MCLK = 500kHz
TPC 30. Wideband SFDR vs.
fOUT Frequency (AD5426)
FREQUENCY (Hz)
0
–70
–100
30
25
–10
–60
–80
–90
–40
–50
–20
–30
35
40
45
50
55
60
65
70
75
TA = 25 C
VREF = 3.5V
AD8038 AMP
AD5443
TPC 33. Narrowband (
±50%)
SFDR fOUT = 50 kHz,
Update = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com