Electronic Components Datasheet Search
  English  ▼

X  

AD5426 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5426
Description  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5426 Datasheet(HTML) 3 Page - Analog Devices

  AD5426 Datasheet HTML 1Page - Analog Devices AD5426 Datasheet HTML 2Page - Analog Devices AD5426 Datasheet HTML 3Page - Analog Devices AD5426 Datasheet HTML 4Page - Analog Devices AD5426 Datasheet HTML 5Page - Analog Devices AD5426 Datasheet HTML 6Page - Analog Devices AD5426 Datasheet HTML 7Page - Analog Devices AD5426 Datasheet HTML 8Page - Analog Devices AD5426 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
REV. 0
AD5426/AD5432/AD5443
–3–
Parameter
Min
Typ
Max
Unit
Conditions
SFDR Performance (Wide Band)
AD5443, 4096 codes VREF = 3.5 V
Clock = 10 MHz
50 kHz fOUT
75
dB
20 kHz fOUT
76
dB
SFDR Performance (Narrow Band)
Clock = 1 MHz
50 kHz fOUT
87
dB
20 kHz fOUT
87
dB
Intermodulation Distortion
Clock = 1 MHz
f1 = 20 kHz, f2 = 25 kHz
78
dB
POWER REQUIREMENTS
Power Supply Range
3.0
5.5
V
IDD
0.4
5
A
Logic inputs = 0 V or VDD
0.6
ATA = 25
°C, logic inputs = 0 V or V
DD
NOTES
1Temperature range is as follows: Y version: –40
°C to +125°C.
2Guaranteed by design and characterization, not subject to production test.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com