Electronic Components Datasheet Search
  English  ▼

X  

LMC6442 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6442
Description  Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6442 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC6442 Datasheet HTML 1Page - National Semiconductor (TI) LMC6442 Datasheet HTML 2Page - National Semiconductor (TI) LMC6442 Datasheet HTML 3Page - National Semiconductor (TI) LMC6442 Datasheet HTML 4Page - National Semiconductor (TI) LMC6442 Datasheet HTML 5Page - National Semiconductor (TI) LMC6442 Datasheet HTML 6Page - National Semiconductor (TI) LMC6442 Datasheet HTML 7Page - National Semiconductor (TI) LMC6442 Datasheet HTML 8Page - National Semiconductor (TI) LMC6442 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM =VO =V
+/2, and R
L =1M
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LMC6442AI
Limit
(Note 6)
LMC6442I
Limit
(Note 6)
Units
THD
Total Harmonic
Distortion
A
V = +2, f = 100 Hz,
R
L = 10M
Ω,V
OUT = 1 Vpp
0.08
%
10V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 10V, V− = 0V, V
CM =VO =V
+/2, and R
L =1M
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LMC6442AI
Limit
(Note 6)
LMC6442I
Limit
(Note 6)
Units
DC Electrical Characteristics
V
OS
Input Offset Voltage
−1.5
±3
±4
±7
±8
mV
max
TCV
OS
Temp. coefficient of
input offset voltage
0.4
µV/˚C
I
B
Input Bias Current
(Note 14)
0.005
44
pA
max
I
OS
Input Offset Current
(Note 14)
0.0025
22
pA
max
CMRR
Common Mode
Rejection Ratio
−0.1V
≤ V
CM
≤8.5V
105
70
70
70
70
dB
min
C
IN
Common Mode Input
Capacitance
3.5
pF
PSRR
Power Supply
Rejection Ratio
V
S =2.5Vto10V
95
75
75
75
75
dB
min
V
CM
Input Common-Mode
Voltage Range
CMRR
≥ 50 dB
9.1
8.85
8.75
8.85
8.75
V
min
−0.4
−0.2
0
−0.2
0
V
max
A
V
Large Signal Voltage
Gain
Sourcing (Note 11)
120
dB
min
Sinking (Note 11)
100
V
O = 0.5V to 9.5V
104
80
80
V
O
Output Swing
V
ID = 100 mV
(Note 13)
9.99
9.97
9.97
9.97
9.97
V
min
V
ID = −100 mV(Note 13)
22
50
50
50
50
mV
max
I
SC
Output Short Circuit
Current
Sourcing, V
ID = 100 mV
(Notes 12, 13)
2100
1200
1000
1200
1000
µA
min
Sinking, V
ID = −100 mV
(Notes 12, 13)
900
600
500
600
500
I
S
Supply Current (2
amplifiers)
R
L = open
1.90
2.4
3.0
2.6
3.2
µA
max
AC Electrical Characteristics
SR
Slew Rate(Note 8)
4.1
2.5
2.5
V/ms
GBWP
Gain-Bandwidth
Product
10.5
KHz
φ
m
Phase Margin
(Note 15)
68
Degree
e
n
Input-Referred
Voltage Noise
R
L = open
f=10Hz
170
nV/
√Hz
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com