Electronic Components Datasheet Search
  English  ▼

X  

LMC6442 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6442
Description  Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6442 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMC6442 Datasheet HTML 7Page - National Semiconductor (TI) LMC6442 Datasheet HTML 8Page - National Semiconductor (TI) LMC6442 Datasheet HTML 9Page - National Semiconductor (TI) LMC6442 Datasheet HTML 10Page - National Semiconductor (TI) LMC6442 Datasheet HTML 11Page - National Semiconductor (TI) LMC6442 Datasheet HTML 12Page - National Semiconductor (TI) LMC6442 Datasheet HTML 13Page - National Semiconductor (TI) LMC6442 Datasheet HTML 14Page - National Semiconductor (TI) LMC6442 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Typical Performance Characteristics V
S = 5V, Single Supply, TA = 25˚C unless otherwise
specified (Continued)
Small Signal Step
Response
(A
V = + 1) For Various CL
Large Signal Step
Response
(A
V = +1) (CL= 200pF)
10006431
10006432
Applications Information
USING LMC6442 IN UNITY GAIN APPLICATIONS
LMC6442 is optimized for maximum bandwidth and minimal
external components when operating at a minimum closed
loop gain of +2 (or −1). However, it is also possible to
operate the device in a unity gain configuration by adding
external compensation as shown in Figure 1:
Using this compensation technique it is possible to drive
capacitive loads of up to 300 pF without causing oscillations
(see the Typical Performance Characteristics for step re-
sponse plots). This compensation can also be used with
other gain settings in order to improve stability, especially
when driving capacitive loads (for optimum performance, R
c
and C
c may need to be adjusted).
USING “T” NETWORK
Compromises need to be made whenever high gain invert-
ing stages need to achieve a high input impedance as well.
This is especially important in low current applications which
tend to deal with high resistance values. Using a traditional
inverting amplifier, gain is inversely proportional to the resis-
tor value tied between the inverting terminal and input while
the input impedance is equal to this value. For example, in
order to build an inverting amplifier with an input impedance
of 10M
Ω and a gain of 100, one needs to come up with a
feedback resistor of 1000M
Ω -an expensive task.
An alternate solution is to use a “T” Network in the feedback
path, as shown in Fig. 2.
Closed loop gain, A
V is given by:
It must be noted, however, that using this scheme, the
realizable bandwidth would be less than the theoretical
maximum. With feedback factor,
β, defined as:
BW(−3 dB)
≈ GBWP • β
In this case, assuming a GBWP of about 10 KHz, the ex-
pected BW would be around 50 Hz (vs 100 Hz with the
conventional inverting amplifier).
Looking at the problem from a different view, with R
F defined
by A
V•Rin, one could select a value for R in the “T” Network
and then determine R1 based on this selection:
10006435
FIGURE 1. A
V = +1 Operation by adding Cc and Rc
10006436
FIGURE 2. “T” Network Used to Replace High Value
Resistor
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com