Electronic Components Datasheet Search
  English  ▼

X  

LMC6442 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6442
Description  Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6442 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMC6442 Datasheet HTML 8Page - National Semiconductor (TI) LMC6442 Datasheet HTML 9Page - National Semiconductor (TI) LMC6442 Datasheet HTML 10Page - National Semiconductor (TI) LMC6442 Datasheet HTML 11Page - National Semiconductor (TI) LMC6442 Datasheet HTML 12Page - National Semiconductor (TI) LMC6442 Datasheet HTML 13Page - National Semiconductor (TI) LMC6442 Datasheet HTML 14Page - National Semiconductor (TI) LMC6442 Datasheet HTML 15Page - National Semiconductor (TI) LMC6442 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Applications Information (Continued)
For convenience, Fig. 3 shows R1 vs R
F for different values
of R.
DESIGN CONSIDERATIONS FOR CAPACITIVE LOADS
As with many other opamps, the LMC6442 is more stable at
higher closed loop gains when driving a capacitive load.
Figure 4 shows minimum closed loop gain versus load ca-
pacitance, to achieve less than 10% overshoot in the output
small signal response. In addition, the LMC6442 is more
stable when it provides more output current to the load and
when its output voltage does not swing close to V
−.
The LMC6442 is more tolerant to capacitive loads when the
equivalent output load resistance is lowered or when output
voltage is 1V or greater from the V
− supply. The capacitive
load drive capability is also improved by adding an isolating
resistor in series with the load and the output of the device.
Figure 5 shows the value of this resistor for various capaci-
tive loads (A
V = −1), while limiting the output to less than 10
% overshoot.
Referring to the Typical Performance Characteristics plot of
Phase Margin (Worst Case) vs Supply Voltage, note that
Phase Margin increases as the equivalent output load resis-
tance is lowered. This plot shows the expected Phase Mar-
gin when the device output is very close to V
−, which is the
least stable condition of operation. Comparing this Phase
Margin value to the one read off the Open Loop Gain/Phase
vs Frequency plot, one can predict the improvement in
Phase Margin if the output does not swing close to V
−. This
dependence of Phase Margin on output voltage is minimized
as long as the output load, R
L, is about 1M
Ω or less.
Output Phase Reversal: The LMC6442 is immune against
this behavior even when the input voltages exceed the com-
mon mode voltage range.
Output Time Delay: Due to the ultra low power consump-
tion of the device, there could be as long as 2.5 ms of time
delay from when power is applied to when the device output
reaches its final value.
10006422
FIGURE 3. “T” Network Values for Various Values of R
10006447
FIGURE 4. Minimum Operating Gain vs Capactive Load
10006443
FIGURE 5. Isolating Resistor Value vs Capactive Load
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com