Electronic Components Datasheet Search
  English  ▼

X  

LMC6442 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6442
Description  Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6442 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMC6442 Datasheet HTML 1Page - National Semiconductor (TI) LMC6442 Datasheet HTML 2Page - National Semiconductor (TI) LMC6442 Datasheet HTML 3Page - National Semiconductor (TI) LMC6442 Datasheet HTML 4Page - National Semiconductor (TI) LMC6442 Datasheet HTML 5Page - National Semiconductor (TI) LMC6442 Datasheet HTML 6Page - National Semiconductor (TI) LMC6442 Datasheet HTML 7Page - National Semiconductor (TI) LMC6442 Datasheet HTML 8Page - National Semiconductor (TI) LMC6442 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
10V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 10V, V− = 0V, V
CM =VO =V
+/2, and R
L =1M
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LMC6442AI
Limit
(Note 6)
LMC6442I
Limit
(Note 6)
Units
i
n
Input-Referred
Current Noise
R
L = open
f=10Hz
0.0002
pA/
√Hz
Crosstalk Rejection
(Note 9)
85
dB
Electrical Characteristics (continued)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C. Output currents in excess of ±30 mA over long term may adversely affect reliability.
Note 4: The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD=(TJ(max)
-TA)/ θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis unless otherwise specified.
Note 7: Do not short circuit output to V+,when V+ is greater than 13V or reliability will be adversely affected.
Note 8: Slew rate is the slower of the rising and falling slew rates.
Note 9: Input referred, V+ = 10V and RL =10MΩ connected to 5V. Each amp excited in turn with 1 KHz to produce about 10 Vpp output.
Note 10: Limiting input pin current is only necessary for input voltages that exceed absolute maximum input voltage ratings.
Note 11: RL connected to V
+/2. For Sourcing Test, V
O > V
+/2. For Sinking tests, V
O < V
+/2.
Note 12: Output shorted to ground for sourcing, and shorted to V+ for sinking short circuit current test.
Note 13: VID is differential input voltage referenced to inverting input.
Note 14: Limits guaranteed by design.
Note 15: See the Typical Performance Characteristics and Application Notes sections for more details.
Typical Performance Characteristics
V
S = 5V, Single Supply, TA = 25˚C unless otherwise
specified
Total Supply Current
vs Supply Voltage
Total Supply Current
vs Supply Voltage
(Negative Input Overdrive)
10006408
10006409
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com