Electronic Components Datasheet Search
  English  ▼

X  

THCV236 Datasheet(PDF) 1 Page - THine Electronics, Inc.

Part # THCV236
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV236 Datasheet(HTML) 1 Page - THine Electronics, Inc.

  THCV236 Datasheet HTML 1Page - THine Electronics, Inc. THCV236 Datasheet HTML 2Page - THine Electronics, Inc. THCV236 Datasheet HTML 3Page - THine Electronics, Inc. THCV236 Datasheet HTML 4Page - THine Electronics, Inc. THCV236 Datasheet HTML 5Page - THine Electronics, Inc. THCV236 Datasheet HTML 6Page - THine Electronics, Inc. THCV236 Datasheet HTML 7Page - THine Electronics, Inc. THCV236 Datasheet HTML 8Page - THine Electronics, Inc. THCV236 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
1/56
Security E
THCV231 and THCV236
SerDes transmitter and receiver with bi-directional transceiver
General Description
The THCV231 and THCV236 are designed to
support video data transmission between the host and
display.
THCV231
One high-speed lane can carry up to 14bits data at a
pixel clock frequency from 12MHz to 160MHz.
THCV236
One high-speed lane can carry up to 32bit data and
3bits of synchronizing signals at a pixel clock
frequency from 6MHz to 160MHz by converting
RGB444 to YCbCr422.
The chipset, which has one high-speed data lane,
can transmit video data up to 1080p/60Hz.
The maximum serial data rate is 4.00Gbps/lane.
Features
Data width selectable
Wide frequency range
AC coupling for high-speed lanes
CDR requires no external frequency reference
Wide range supply voltage from 1.7V to 3.6V
Additional spread spectrum on data stream
2-wire serial interface bridge function(400kbps)
Remote side GPIO control and monitoring
THCV231
QFN32 (5mm x 5mm) with exposed pad ground
THCV236
QFN64 (9mm x 9mm) with exposed pad ground
EU RoHS compliant
Block Diagram
THCV236
Controls
D31-D0
HSYNC
VSYNC
DE
CLKOUT
Settings
2-wire I/F
SDA/SCL
RXP
RXN
RCMP
RCMN
THCV231
Controls
D11-D0
HSYNC
VSYNC
CLKIN
Settings
2-wire I/F
SDA/SCL
TXP
TXN
OSC
TCMP
TCMN
LDO
OSC
LDO
CAPOUT
CAPINA
CAPINP
CAPOUT
CAPINA


Similar Part No. - THCV236

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
THCV236 CEL-THCV236 Datasheet
1Mb / 68P
SerDes transmitter and receiver with bi-directional transceiver
logo
THine Electronics, Inc.
THCV236-Q THINE-THCV236-Q Datasheet
1Mb / 58P
SerDes transmitter and receiver with bi-directional transceiver
logo
California Eastern Labs
THCV236-Q CEL-THCV236-Q Datasheet
1Mb / 68P
SerDes transmitter and receiver with bi-directional transceiver
More results

Similar Description - THCV236

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCV215 THINE-THCV215 Datasheet
176Kb / 3P
THCV215 is designed to support video data transmission between the host and display.
THCV216 THINE-THCV216 Datasheet
176Kb / 3P
THCV216 is designed to support video data transmission between the host and display.
THCV217 THINE-THCV217 Datasheet
154Kb / 2P
THCV217 is designed to support video data transmission between the host and display.
THCV218 THINE-THCV218 Datasheet
310Kb / 2P
THCV218 is designed to support video data transmission between the host and display.
THCV219 THINE-THCV219 Datasheet
200Kb / 2P
THCV219 is designed to support video data transmission between the host and display.
THCV220 THINE-THCV220 Datasheet
161Kb / 2P
THCV220 is designed to support video data transmission between the host and display.
logo
List of Unclassifed Man...
VL-EPHS-B1 ETC2-VL-EPHS-B1 Datasheet
797Kb / 2P
The VL-EPHs-B1 is designed to support OEM applications where high reliability and long-term availability are required.
logo
STMicroelectronics
AN2695 STMICROELECTRONICS-AN2695 Datasheet
97Kb / 13P
Differences between the ST10F276Z5 and its emulator
06-Mar-2008
logo
THine Electronics, Inc.
THCV220 THINE-THCV220_16 Datasheet
363Kb / 18P
THCV220 is designed to support video data transmission between the host and display.
THCV226 THINE-THCV226_16 Datasheet
570Kb / 27P
THCV226 is designed to support video data transmission between the host and display.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com