Electronic Components Datasheet Search
  English  ▼

X  

THCV236 Datasheet(PDF) 3 Page - THine Electronics, Inc.

Part # THCV236
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV236 Datasheet(HTML) 3 Page - THine Electronics, Inc.

  THCV236 Datasheet HTML 1Page - THine Electronics, Inc. THCV236 Datasheet HTML 2Page - THine Electronics, Inc. THCV236 Datasheet HTML 3Page - THine Electronics, Inc. THCV236 Datasheet HTML 4Page - THine Electronics, Inc. THCV236 Datasheet HTML 5Page - THine Electronics, Inc. THCV236 Datasheet HTML 6Page - THine Electronics, Inc. THCV236 Datasheet HTML 7Page - THine Electronics, Inc. THCV236 Datasheet HTML 8Page - THine Electronics, Inc. THCV236 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
3/56
Security E
Pin Configuration
THCV236 (QFN 64pin)
D27
17
18
D26
D25/GPIO4
19
20
D24/GPIO3
D23
21
22
D22
D21
23
24
D20
VDD
25
26
CLKOUT
D19
27
28
D18
D17
29
30
D16
D15
31
32
VDD
52
51
50
49
D1
DE
HSYNC
VDD
56
55
54
53
CAPOUT
LOCKN/MSSEL
HTPDN/SUBMODE
D0
60
59
58
57
MAINMODE/RCMN
CAPINA
RXP
RXN
64
63
62
61
BET
OE
HFSEL/RCMP
(TOP VIEW)
65 EXPGND
RXDEFSEL
D0
9
10
D1
D2
11
12
D3
CLKIN
13
14
D4
D5
15
16
VDD
28
27
26
25
TCMN
TCMP
CAPOUT
HSYNC
32
31
30
29
CAPINA
TXP
THCV231 (QFN 32pin)
(TOP VIEW)
33 EXPGND
TXN
CAPINP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com