| Electronic Components Datasheet Search |
|
THCV236 Datasheet(PDF) 14 Page - THine Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
THCV236 Datasheet(HTML) 14 Page - THine Electronics, Inc. |
|
14 / 56 page ![]() THCV231_THCV236_Rev.2.30_E Copyright©2016 THine Electronics, Inc. THine Electronics, Inc. 14/56 Security E Field BET Operation In order to help users to check validity of CML serial line (Main-Link and Sub-Link), the THCV231 and THCV236 have an operation mode in which they act as a bit error tester (BET). In Main-Link Field BET mode, the THCV231 internally generates a test pattern which is then serialized onto the Main-Link CML line. The THCV236 also has BET function mode. The THCV236 receives the data stream and checks bit errors. The generated data pattern is then 8b/10b encoded, scrambled, and serialized onto the CML channel. As for the THCV236, the internal test pattern check circuit gets enabled and reports result on a certain pin named BETOUT. In Sub-Link Field BET mode, Sub-Link Master device internally generates test pattern which is then serialized onto the Sub-Link CML line. Sub-Link Slave device also has BET function mode. Sub-Link Slave device receives the data stream and checks bit errors. Note that Sub-Link Slave device must be set this mode prior to Sub-Link Master device. Pattern check result is output from BETOUT pin of the Sub-Link Slave device. The BETOUT pin goes LOW whenever bit errors occur, or it stays HIGH when there is no bit error. In Main-Link Field BET mode, user can select two kinds of check result, latched result or NOT latched result by setting LATEN pin input. The latched result is reset by setting LATEN=0. In Sub-Link Field BET mode, only latched result is available. In order to reset the latched result, please once turn off the power and entry Sub-Link Field BET from power on sequence. GPIO4 pin (THCV231) and LATEN/SD3/AIN1/GPIO0 pin (THCV236) function as LATEN in Field BET mode (Main-Link or Sub-Link). It is not possible to realize Main-Link Field BET and Sub-Link Field BET at the same time. Table 11. Main-Link Field BET Operation Settings THCV231/236 Common Setting THCV236 Setting Condition PDN0/PDN1/PDN SUBMODE BET BET_SEL LATEN Main-Link Sub-Link Output Latch Select 1 0 1 (*1) 0 (*2) 0 Field BET Operation Normal Operation NOT Latched Result 1 Latched Result *1 THCV231: Register setting (0x53 bit1), THCV236: Pin setting *2 Register setting (0x53 bit0, Default 0) Table 12. THCV236 Main-Link Field BET Result BETOUT Output L Bit Error Occurred H No Error |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |