Electronic Components Datasheet Search
  English  ▼

X  

THCV236 Datasheet(PDF) 45 Page - THine Electronics, Inc.

Part # THCV236
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV236 Datasheet(HTML) 45 Page - THine Electronics, Inc.

Back Button THCV236 Datasheet HTML 41Page - THine Electronics, Inc. THCV236 Datasheet HTML 42Page - THine Electronics, Inc. THCV236 Datasheet HTML 43Page - THine Electronics, Inc. THCV236 Datasheet HTML 44Page - THine Electronics, Inc. THCV236 Datasheet HTML 45Page - THine Electronics, Inc. THCV236 Datasheet HTML 46Page - THine Electronics, Inc. THCV236 Datasheet HTML 47Page - THine Electronics, Inc. THCV236 Datasheet HTML 48Page - THine Electronics, Inc. THCV236 Datasheet HTML 49Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
45/56
Security E
CML Output Switching Characteristics
TXP
TXN
75~200nF
< 5mm
Vdiff = (TXP) - (TXN)
50Ω
50Ω
75~200nF
20%
80%
20%
80%
tTRF
tTRF
Figure 17. CML Output Switching Characteristics
TXP
RXP
TXN
RXN
Vbias
Zdiff=100Ω
C=75~
200nF
GND
THCV231
THCV236
CML
Transmitter
CML Receiver
50Ω
CAPINA
C=75~
200nF
50Ω
50Ω
50Ω
Figure 18. CML Buffer Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com