Electronic Components Datasheet Search
  English  ▼

X  

LM95010 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95010
Description  Digital Temperature Sensor with SensorPath??Bus in MSOP8 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95010 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM95010 Datasheet HTML 1Page - National Semiconductor (TI) LM95010 Datasheet HTML 2Page - National Semiconductor (TI) LM95010 Datasheet HTML 3Page - National Semiconductor (TI) LM95010 Datasheet HTML 4Page - National Semiconductor (TI) LM95010 Datasheet HTML 5Page - National Semiconductor (TI) LM95010 Datasheet HTML 6Page - National Semiconductor (TI) LM95010 Datasheet HTML 7Page - National Semiconductor (TI) LM95010 Datasheet HTML 8Page - National Semiconductor (TI) LM95010 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings
(Notes 1, 2)
Supply Voltage (V
+)
−0.5 V to 6.0 V
Voltage on Pin 2
−0.3 V to (V+ + 0.3 V)
Voltage on all other Pins
−0.5 V to 6.0 V
Input Current per Pin(Note 3)
5 mA
Package Input Current (Note 3)
30 mA
Package Power Dissipation
(Note 5)
Output Sink Current
10 mA
Storage Temperature
−65 ˚C to +150 ˚C
ESD Susceptibility (Note 4)
Human Body Model
2000 V
Machine Model
200 V
Soldering Information, Lead Temperature
MSOP-8 Package (Note 6)
Vapor Phase (60 seconds)
215 ˚C
Infrared (15 seconds)
220 ˚C
Operating Ratings
(Notes 1, 2)
Temperature Range for
Electrical Characteristics
T
MIN
≤ T
A
≤ T
MAX
LM95010CIMM
−20 ˚C
≤ T
A
≤ +125 ˚C
Operating Temperature Range
−20 ˚C
≤ T
A
≤ +125 ˚C
Supply Voltage Range (V+)
+3.0 V to +3.6 V
DC Electrical Characteristics
The following specifications apply for V+ = 3.0 V
DC to 3.6 VDC, unless otherwise specified in the conditions. Boldface limits
apply for T
A =TJ =TMIN to TMAX; all other limits TA = +25 ˚C.
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limit)
V+
Power Supply Voltage
3.3
3.0
3.6
V (min)
V (max)
I+
AVG
Average Power Supply Current
SensorPath Bus Inactive (Note
9)
500
750
µA (max)
I+
Peak
Peak Power Supply Current
SensorPath Bus Inactive (Note
9)
1.6
mA
Power-On Reset Threshold Voltage
1.6
V (min)
2.8
V (max)
TEMPERATURE-TO-DIGITAL CONVERTER CHARACTERISTICS
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limits)
Temperature Error
T
A = −20 ˚C and +125 ˚C (Note 10)
±1
±3
˚C (max)
+25 ˚C
≤ T
A
≤ +60 ˚C (Note 10)
±2
˚C (max)
Temperature Resolution
10
Bits
0.25
˚C
SWD and ADD DIGITAL INPUT CHARACTERISTICS
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limit)
V
IH
SWD Logical High Input Voltage
2.1
V (min)
V+ + 0.5
V (max)
V
IL
SWD Logical Low Input Voltage
0.8
V (max)
T
A = 0 ˚C to +85 ˚C
-0.5
V (min)
-0.3
V (min)
V
IH
ADD Logical High Input Voltage
90%xV+
V (min)
V
IL
ADD Logical Low Input Voltage
10%xV+
V (max)
V
HYST
SWD Input Hysteresis
300
mV
I
L
SWD and ADD Input Leakage
Current
GND
≤V
IN
≤ V+
±0.005
±10
µA (max)
SWD Input Leakage Current with V+
Open or Grounded
GND
≤V
IN
≤ 3.6 V,
and V+ Open or
GND
±0.005
µA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com