Electronic Components Datasheet Search
  English  ▼

X  

LM95010 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95010
Description  Digital Temperature Sensor with SensorPath??Bus in MSOP8 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95010 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM95010 Datasheet HTML 10Page - National Semiconductor (TI) LM95010 Datasheet HTML 11Page - National Semiconductor (TI) LM95010 Datasheet HTML 12Page - National Semiconductor (TI) LM95010 Datasheet HTML 13Page - National Semiconductor (TI) LM95010 Datasheet HTML 14Page - National Semiconductor (TI) LM95010 Datasheet HTML 15Page - National Semiconductor (TI) LM95010 Datasheet HTML 16Page - National Semiconductor (TI) LM95010 Datasheet HTML 17Page - National Semiconductor (TI) LM95010 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
2.0 Register Set (Continued)
2.6 CAPABILITIES FIXED (Addr 03o)
Reg
Add
Register
Name
R/
W
P
O
R
Val
Bit
15
MSb
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
LSb
000 011
Capabilities
Fixed
R1h
Reserved
FuncDescriptor1
0000000000000001
The value of this register defines the capabilities of the LM95010. The LM95010 supports only one function, that of Temperature
Measurement type. Please refer to the SensorPath specification for further details on other FuncDescriptor values.
2.7 DEVICE STATUS (Addr 04o)
This register is set to the reset value by a Device Reset.
Reg Add
Register Name
R/
W
P
O
R
Val
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LSb
000 100
Device Status
R
0h
BER
0
0
ERF1
0
0
0
SF1
Bit
Type
Description
0RO
SF1 (Status Function 1). This bit is set by a Function Event within Function 1. Event details are function
dependent and are described within the function. SF1 is cleared by Device Reset or by handling the event
within the function (see Section 2.9 for further details).
0: Status flag for Function 1 is inactive (no event).
1: Status flag for Function 1 is active indicating that a Function Event has occurred.
3-1
RO
Not supported. Will always read "0".
4RO
ERF1 (Error Function 1) This bit is set in response to an error indication within Function 1. ERF1 is cleared
by Device Reset or by handling the error condition within the function (see Section 2.9 for further details).
0: No error occurred in Function 1.
1: Error occurred in Function 1.
6-5
RO
Not supported. Will always read "0".
7RO
BER (Bus Error). This bit is set when the device either generates, or receives an error indication in the ACK
bit of the transaction (i.e., no-acknowledge). BER is cleared by Device Reset or by reading the Device Status
register.
0: No transaction error occurred.
1: An ACK bit error (no-acknowledge) occurred during the last transaction.
2.8 DEVICE CONTROL (Addr 05o)
This register responds to a broadcast write command (DeviceNumber 000). Write using broadcast address is ignored by bits
15-2. This register is set to the reset value by a Device Reset.
Reg
Add
Register
Name
R/
W
P
O
R
Val
Bit
15
MSb
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
LSb
000 101
Device
Control
R/
W
0h
Reserved
EnF1 Res
Low
Pwr
Shut
down
Re
set
00000000000
Bit
Type
Description
0
R/W
Reset (Device Reset). When set to "1" this bit initiates a Device Reset operation ( See Section 2.2). This bit
self-clears after the Device Reset operation is completed.
0: Normal device operation. (default)
1: Device Reset
The LM95010 does not require a Device Reset command after power.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com