Electronic Components Datasheet Search
  English  ▼

X  

LM95010 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95010
Description  Digital Temperature Sensor with SensorPath??Bus in MSOP8 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95010 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM95010 Datasheet HTML 1Page - National Semiconductor (TI) LM95010 Datasheet HTML 2Page - National Semiconductor (TI) LM95010 Datasheet HTML 3Page - National Semiconductor (TI) LM95010 Datasheet HTML 4Page - National Semiconductor (TI) LM95010 Datasheet HTML 5Page - National Semiconductor (TI) LM95010 Datasheet HTML 6Page - National Semiconductor (TI) LM95010 Datasheet HTML 7Page - National Semiconductor (TI) LM95010 Datasheet HTML 8Page - National Semiconductor (TI) LM95010 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM95010
Digital Temperature Sensor with SensorPath™ Bus in
MSOP8 Package
General Description
The LM95010 is a digital output temperature sensor that has
single-wire interface compatible with National Semiconduc-
tor’s SensorPath interface. It uses a
∆V
be analog tempera-
ture sensing technique that generates a differential voltage
that is proportional to temperature. This voltage is digitized
using
a
Sigma-Delta
analog-to-digital
converter.
The
LM95010 is part of a hardware monitor system, comprised of
two parts: the PC System Health Controller (Master), such
as a Super I/O, and up to seven slaves of which four can be
LM95010s. Using SensorPath, the LM95010 will be con-
trolled by the master and report to the master its own die
temperature. SensorPath data is pulse width encoded,
thereby allowing the LM95010 to be easily connected to
many general purpose micro-controllers.
Features
n
SensorPath Bus
— 4 hardware programmable addresses
n
Temperature Sensing
— 0.25 ˚C resolution
— 127.75 ˚C maximum temperature reading
n
8-lead MSOP package
Key Specifications
n
Temperature Sensor Accuracy
±2 ˚C (max)
n
Temperature Range
−20 ˚C to +125 ˚C
n
Power Supply Voltage
+3.0V to +3.6V
n
Power Supply Current
0.5 mA (typ)
n
Conversion Time
14 ms to 1456 ms
Applications
n
Microprocessor based equipment
— (Motherboards, Base-stations, Routers, ATMs, Point
of Sale, …)
n
Power Supplies
Block Diagram
20082001
SensorPath™ is a trademark of National Semiconductor Corporation.
November 2003
© 2003 National Semiconductor Corporation
DS200820
www.national.com


Similar Part No. - LM95010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM95010 TI1-LM95010 Datasheet
1Mb / 28P
Digital Temperature Sensor with SensorPath Bus
LM95010 TI2-LM95010 Datasheet
1Mb / 32P
LM95010 Digital Temperature Sensor with SensorPath® Bus
REVISED FEBRUARY 2024
LM95010CIMM/NOPB TI1-LM95010CIMM/NOPB Datasheet
1Mb / 28P
Digital Temperature Sensor with SensorPath Bus
LM95010CIMM/NOPB TI2-LM95010CIMM/NOPB Datasheet
1Mb / 32P
LM95010 Digital Temperature Sensor with SensorPath® Bus
REVISED FEBRUARY 2024
LM95010CIMM/NOPB.A TI2-LM95010CIMM/NOPB.A Datasheet
1Mb / 32P
LM95010 Digital Temperature Sensor with SensorPath® Bus
REVISED FEBRUARY 2024
More results

Similar Description - LM95010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77901 TI-TPS77901 Datasheet
334Kb / 20P
250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TMP141 TI-TMP141 Datasheet
295Kb / 19P
Digital Out Temperature Sensor with Single-Wire SensorPath Bus
logo
National Semiconductor ...
LM32 NSC-LM32 Datasheet
340Kb / 24P
Dual Thermal Diode Temperature Sensor with SensorPath Bus
logo
Texas Instruments
TMP141AIDGKRG4 TI-TMP141AIDGKRG4 Datasheet
651Kb / 24P
Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TPS77918DGKR TI-TPS77918DGKR Datasheet
619Kb / 22P
250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI-TPS77901_15 Datasheet
622Kb / 22P
250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
LM95010 TI1-LM95010 Datasheet
1Mb / 28P
Digital Temperature Sensor with SensorPath Bus
TPS77901 TI1-TPS77901_16 Datasheet
856Kb / 22P
250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
logo
ON Semiconductor
NCT475 ONSEMI-NCT475 Datasheet
171Kb / 13P
Industry Standard Digital Temperature Sensor in CSP Package
June, 2015 ??Rev. 0
NCT275 ONSEMI-NCT275 Datasheet
191Kb / 13P
Industry Standard Digital Temperature Sensor in CSP Package with 2-wire Interface
August, 2014 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com