Electronic Components Datasheet Search
  English  ▼

X  

LM95010 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95010
Description  Digital Temperature Sensor with SensorPath??Bus in MSOP8 Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95010 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM95010 Datasheet HTML 11Page - National Semiconductor (TI) LM95010 Datasheet HTML 12Page - National Semiconductor (TI) LM95010 Datasheet HTML 13Page - National Semiconductor (TI) LM95010 Datasheet HTML 14Page - National Semiconductor (TI) LM95010 Datasheet HTML 15Page - National Semiconductor (TI) LM95010 Datasheet HTML 16Page - National Semiconductor (TI) LM95010 Datasheet HTML 17Page - National Semiconductor (TI) LM95010 Datasheet HTML 18Page - National Semiconductor (TI) LM95010 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
2.0 Register Set (Continued)
Bit
Type
Description
2-0
R
Resolution. This field defines the value of 1 LSb of the Temperature Readout field in the Readout Register.
The SensorPath specification defines many different weights for the temperature LSb. The LM95010
supports a resolution of 0.25 ˚C and thus a value of 010 for this field. For a full definition of this field please
refer to the SensorPath specification.
5-3
R
Number of Bits. This field defines the total number of significant bits of the Temperature Readout field in the
Readout register. The total number of osignificant bits includes the number of bits representing the interger
part of the temperature data and the fractional part of it, as defined by the Resolution field. The LM95010
supports 10 bits and thus a value of 001 for this field. For a full definition of this field please refer to the
SensorPath specification.
6R
Sign (Signed Data). Defines the type of data in the Temperature Readout field of the Readout register.
0: Unsigned, positive fixed point value.
1: Signed, 2’s complement fixed point value. (value for the LM95010)
7R
RoutSize (Readout Register size). Defines the total size of the Readout register.
0: 16 bits. (LM95010 default)
1: 24 bits.
8
R/W
IntSens (Internal Sensor Support). Indicates if the device supports internal temperature measurements, as
the LM95010 does.
0: No internal temperature measurement
1: Internal temperature sensor implemented. (value for the LM95010)
15-9
RO
Reserved. Will always read "0".
2.9.3 Temperature Data Readout (Addr 11o)
Reg
Add
Register
Name
R/
W
P
O
R
Val
Bit
15
MSb
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
LSb
001 001
Temperature
Data
Readout
R
MSb
Sign
64˚C 32˚C 16˚C 8˚C
4˚C
2˚C
1˚C
0.5
˚C
LSb
0.25
˚C
Reserved
000000
The LM95010’s temperature data format is two’s complement and has 10-bits of resolution with the LSb having a weight of
0.25 ˚C. The LM95010 can resolve temperature between +127.75 ˚C and -128 ˚C, inclusive. It can measure temperatures
between +127.75 ˚C and −20 ˚C with an accuracy of ±3.0 ˚C.
Temperature Data Format
Decimal
Binary
Hex
+127.75 ˚C
01 1111 1111
1FFh
+100.00 ˚C
01 1001 0000
190h
+1.00 ˚C
00 0000 0100
004h
+0.25 ˚C
00 0000 0001
001h
0 ˚C
00 0000 0000
000h
-0.25 ˚C
11 1111 1111
3FFh
-1.00 ˚C
11 1111 1100
3FCh
-20.00 ˚C
11 1011 0000
3 B0h
-39.75 ˚C
11 0110 0001
361h
-40.00 ˚C
11 0110 0000
360h
-128.00 ˚C
10 0000 0000
200h
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com