Electronic Components Datasheet Search
  English  ▼

X  

39207 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 39207
Description  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

39207 Datasheet(HTML) 2 Page - Tyco Electronics

  39207 Datasheet HTML 1Page - Tyco Electronics 39207 Datasheet HTML 2Page - Tyco Electronics 39207 Datasheet HTML 3Page - Tyco Electronics 39207 Datasheet HTML 4Page - Tyco Electronics 39207 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
411-3236
Hand Crimping Tool 90035-3
Rev A
2 of 5
Tyco Electronics Corporation
3. CRIMPING PROCEDURE
Refer to the table in Figure 2 and check the selected
wire, terminal, and crimping tool for compatibility. Wire
size and insulation diameter must be within the
specified range for the terminal. The hand crimping
tool must be the one designed for crimping the wire
and terminal.
Use stranded wire only, and strip it to the length
indicated. Refer to Figure 3 and proceed as follows:
Do NOT cut or nick the wire strands.
Figure 3
Opened Portion
of Receptacle
Slotin
Locator
Locator
Base
Press Here to
Raise Locator
Insulating Sleeve
Butts Against Locator
Back of Tool
(Wire Side)
3.1. Termination Procedure
1. Hold tool so the BACK (Wire Side) is facing you.
2. Make sure the ratchet is released. Squeeze tool
handles together and allow them to open FULLY.
3. Raise the locator and insert the terminal into the
slot, making sure the opened portion of the
receptacle is turned away from the locator base
4. Position the terminal so the insulation sleeve
butts against the locator and is centered on the
crimping jaws.
5. Insert a properly stripped wire into the terminal
until the wire insulation begins to wedge against
the terminal insulation barrel, or until the wire
insulation butts against the terminal wire barrel.
Wire end should be approximately flush with the
wire barrel end.
6. Holding the wire in place, squeeze the tool
handles together until the ratchet releases.
7. Allow the tool handles to open FULLY. Raise the
locator and remove the crimped terminal from tool.
3.2. Insulation Crimp Adjustment
The insulation barrel crimp height is regulated by
placing the insulation adjustment pins in one of three
positions (1–Small, 2–Medium, 3–Large). Determine
the proper insulation crimp setting as follows:
1. Place adjustment pins in No. 3 position. Insert
terminal into the tool according to Paragraph 3.1,
Steps 1 through 4.
2. Insert an unstripped wire into the terminal
insulation barrel. Crimp the terminal and remove it
from the tool.
3. Check the insulation crimp by bending the wire
back and forth one time. If the wire pulls out, place
the adjustment pins in the next smaller position,
and repeat these procedures. The crimp should
hold the wire insulation firmly without cutting into it.
4. MAINTENANCE AND INSPECTION
Hand crimping tools are inspected before shipment.
The tool received should be inspected immediately
upon arrival to ensure that the tool has not been
damaged during shipment, and that it performs
according to the criteria described in this sheet. If a
tool is damaged upon arrival, retain the shipping
container, file a claim with the carrier, and notify Tyco
Electronics immediately.
4.1. Daily Maintenance
1. Remove dust, moisture, and other contaminants
from the tool with a clean brush or a soft, lint–free
cloth. DO NOT use objects that could damage the
tool.
2. Make sure that the proper retaining pins are in
place and are secured with the proper retaining
rings.
3. Make certain that all pins, pivot points, and
bearing surfaces are protected with a THIN coat of
any good SAE 20 motor oil. DO NOT oil
excessively.
4. When the tool is not in use, keep the handles
closed to prevent objects from becoming lodged in
the crimping areas and store the tool in a clean,
dry area.
4.2. Periodic Inspection
Regular inspections should be performed by quality
control personnel. A record of scheduled inspections
should remain with the tool or be supplied to
supervisory personnel responsible for the tool.
CAUTION
!



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com