Electronic Components Datasheet Search
  English  ▼

X  

39207 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 39207
Description  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

39207 Datasheet(HTML) 5 Page - Tyco Electronics

  39207 Datasheet HTML 1Page - Tyco Electronics 39207 Datasheet HTML 2Page - Tyco Electronics 39207 Datasheet HTML 3Page - Tyco Electronics 39207 Datasheet HTML 4Page - Tyco Electronics 39207 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
411-3236
Hand Crimping Tool 90035-3
5 of 5
Rev A
Tyco Electronics Corporation
9
4
3
2
1
8
7
10
6
22.2 [.875]
280 [11.0]
76 [3.0]
(Closed)
5
Weight: 550g [1.2 lb]
ITEM NUMBER
PART NUMBER
DESCRIPTION
QTY PER TOOL
1
21045-3
RING, Retaining
4
2
1-23619-6
PIN, Retaining (.187D x .521L)
2
3
21045-6
RING, Retaining
2
4
2-23620-9
PIN, Retaining [250D x .838L)
1
5
39364
SPRING, Handle
1
6
39207
INSULATION ADJUSTMENT PIN
2
7
125644-4
LOCATOR
1
8
302994
HOUSING, Locator
1
9
301201
SPRING
1
10
9-305927-1
SCREW
1
Figure 6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com