Electronic Components Datasheet Search
  English  ▼

X  

39207 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 39207
Description  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

39207 Datasheet(HTML) 4 Page - Tyco Electronics

  39207 Datasheet HTML 1Page - Tyco Electronics 39207 Datasheet HTML 2Page - Tyco Electronics 39207 Datasheet HTML 3Page - Tyco Electronics 39207 Datasheet HTML 4Page - Tyco Electronics 39207 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
411-3236
Hand Crimping Tool 90035-3
Rev A
4 of 5
Tyco Electronics Corporation
Jaw Closure
Configuration
50.8 [2.00]
Min Typ
Suggested Plug Gage Design Wire Barrel Crimp Section
A
B
(NO-GO)
B
(GO)
4A
TOOL
JAWCLOSURE{ DIAMETER A
GAGE ELEMENT{{ DIAMETER B
TOOL
GO
NO-GO
GO
NO-GO
90035-3
2.350 [.0925]
2.477 [.0975]
2.350-2.357
[.0925-.0928]
2.474-2.477
[.0974-.0975]
Suggested Plug Gage Design Insulation Barrel Crimp Section
G (NO-GO)
W (Max)
GO
NO
GO
6.35 [.250] Typ
Jaw Closure
Configuration
G (GO)
F
4B
TOOL
JAWCLOSURE{ DIMENSION F
(Adjustment Pins in Position 1)
GAGE ELEMENT{{ DIMENSION G
DIMENSION
W(Width)
GO
NO-GO
GO
NO-GO
W(Width)
90035-3
0.762 [.0300]
1.27 [.0500]
0.762-0.77
[.0300-.0303]
1.267-1.27
[.0499-.0500]
3.05 [.120]
{ Jaw closure dimensions apply when wire or insulation barrel jaws are bottomed, but not under pressure.
{{ Material: Tool Steel
Figure 4
Figure 5
GO Element Must Pass
Completely Through Jaw Closure
NO-GO Element May Enter
Partially, But Must Not Pass
Completely Through Jaw Closure
Inspection of Wire Barrel Crimp Section
Inspection of Insulation Barrel Crimp Section
Jaws Bottomed But
Not Under Pressure
Insulation Crimp
Adjustment Pins in
Position 1 (Ref)
Wire Barrel
Crimp Section of
Crimping Chamber
Insulation Barrel
Crimp Section of
Crimping Chamber



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com