| Electronic Components Datasheet Search |
|
39207 Datasheet(PDF) 3 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
39207 Datasheet(HTML) 3 Page - Tyco Electronics |
|
3 / 5 page ![]() 411-3236 Hand Crimping Tool 90035-3 3 of 5 Rev A Tyco Electronics Corporation Though recommendations call for at least one inspection per month, the inspection frequency should be based on the amount of use, working conditions, operator training and skill, and established company standards. These inspections should be performed in the following sequence: A. Visual Inspection 1. Remove all lubrication and accumulated film by immersing the tool (handles partially closed) in a suitable commercial degreaser that will not affect paint or plastic material. 2. Make certain that all retaining pins are in place and are secured with retaining rings. If replacements are necessary, refer to the parts list in Figure 6. 3. Inspect crimping areas for pitted or chipped surfaces. 4. Close the tool handles until the ratchet releases, then allow handles to open freely. If they do not open quickly and fully, the spring is defective and must be replaced. Refer to Section 5, REPLACEMENT AND REPAIR. B. Gaging Crimping Chamber This inspection requires the use of plug gages conforming to the dimensions listed in Figure 4. To gage the crimping chamber, proceed as follows: 1. Close the jaws by squeezing the tool handles together until the jaws have bottomed, and then HOLD the handles in this position. DO NOT force the jaws beyond initial contact. 2. Align the GO element of the gage with the wire barrel crimp section of the crimping chamber. Refer to Figure 5. Push the element straight into the crimping chamber without using force. The GO element must pass completely through the crimping chamber. 3. Align the NO–GO element of the gage with the same crimp section, and try to insert the element. The NO–GO element may start entry, but it must not pass completely through the crimping chamber. Refer to Figure 5. 4. Repeat the gage inspection for the insulation crimp section of the crimping chamber, making sure to use the correct plug gage. If the crimping chamber conforms to the gage inspection, the tool is considered dimensionally correct. If the crimping chamber does not conform to the inspection, the tool must be repaired. Refer to Section 5, REPLACEMENT AND REPAIR. For additional information concerning the use of the plug gage, refer to Instruction Sheet 408–7424. C. Ratchet Inspection Obtain a .025–mm [.001–in.] shim that is suitable for checking the clearance between the bottoming surfaces of the jaws. To inspect the ratchet control, proceed as follows: 1. Refer to Figure 2, and select a product and maximum size wire. 2. Position the product in the crimping chamber. 3. While holding the wire in place, squeeze the tool handles together until the ratchet releases. Holding the tool in this position, maintain just enough pressure to keep the jaws closed. 4. Check the clearance between the bottoming surfaces of the jaws. If the clearance is .025 mm [.001 in.] or less, the ratchet is satisfactory. If clearance exceeds .025 mm [.001 in.], the ratchet is out of adjustment and must be repaired. Refer to Section 5, REPLACEMENT AND REPAIR. If the tool conforms to this inspection procedure, lubricate it with a THIN coat of any good SAE 20 motor oil, and return it to service. 5. REPLACEMENT AND REPAIR Customer–replaceable parts are listed in Figure 6. A complete inventory should be stocked and controlled to prevent lost time when replacement of parts is necessary. Parts other than those listed should be replaced by Tyco Electronics to ensure quality and reliability. Order replacement parts through your representative, or call 1–800–526–5142, or send a facsimile of your purchase order to 717–986–7605, or write to: CUSTOMER SERVICE (038–035) TYCO ELECTRONICS CORPORATION PO BOX 3608 HARRISBURG PA 17105–3608 For customer repair service, call 1–800–526–5136. 6. REVISION SUMMARY S Updated document to corporate requirements S Added new Sections 4 through 6 S Added new Figures 4, 5, and 6 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |