Electronic Components Datasheet Search
  English  ▼

X  

LMH6672 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6672
Description  Dual, High Output Current, High Speed Op Amp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6672 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6672 Datasheet HTML 1Page - National Semiconductor (TI) LMH6672 Datasheet HTML 2Page - National Semiconductor (TI) LMH6672 Datasheet HTML 3Page - National Semiconductor (TI) LMH6672 Datasheet HTML 4Page - National Semiconductor (TI) LMH6672 Datasheet HTML 5Page - National Semiconductor (TI) LMH6672 Datasheet HTML 6Page - National Semiconductor (TI) LMH6672 Datasheet HTML 7Page - National Semiconductor (TI) LMH6672 Datasheet HTML 8Page - National Semiconductor (TI) LMH6672 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Electrical Characteristics (Continued)
T
J = 25˚C, G = +2, VS = ±2.5 to ±6V, Rf =RIN = 470Ω,RL = 100Ω; Unless otherwise specified.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
I
S
Supply Current/Amp
V
S = ±6V
8
mA
V
S = ±6V, TJ = −40˚C to 150˚C
6.2
9
PSRR
Power Supply Rejection Ratio
V
S = ±2.5V to ±6V,
T
J = −40˚C to 150˚C
72
78
dB
±2.5V Electrical Characteristics
T
J = 25˚C, G = +2, VS = ±2.5 to ±6V, Rf =RIN = 470Ω,RL = 100Ω; Unless otherwise specified.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
Dynamic Performance
−3dB Bandwidth
125
MHz
0.1dB Bandwidth
32
MHz
Slew Rate
0.4V Step, 10-90%
115
V/µs
Rise and Fall Time
0.4V Step, 10-90%
2.75
ns
Distortion and Noise Response
2
nd Harmonic Distortion
V
O =2VPP, f = 100KHz, RL =25Ω
−85
dBc
V
O =2VPP, f = 1MHz, RL = 100Ω
−87
dBc
3
rd Harmonic Distortion
V
O =2VPP, f = 100KHz, RL =25Ω
−90
dBc
V
O =2VPP, f = 1MHz, RL = 100Ω
−88
dBc
Input Characteristics
V
OS
Input Offset Voltage
T
J = −40˚C to 150˚C
−5.5
5.5
mV
−4.0
1.1
4.0
I
B
Input Bias Current
T
J = −40˚C to 150˚C
8.0
14
µA
CMVR
Common-Mode Voltage Range
−2.5
1.0
V
CMRR
Common-Mode Rejection Ratio
T
J = −40˚C to 150˚C
150
57
µV/V
Transfer Characteristics
A
VOL
Voltage Gain
R
L =25Ω,TJ = −40˚C to 150˚C
0.67
1.54
V/mV
R
L = 1k, TJ = −40˚C to 150˚C
1.0
2.0
Output Characteristics
V
O
Output Voltage Swing
R
L =25Ω
1.20
1.45
V
R
L =25Ω,TJ = −40˚C to 150˚C
1.10
1.35
R
L = 1k
1.30
1.60
R
L = 1k, TJ = −40˚C to 150˚C
1.25
1.50
Power Supply
I
S
Supply Current/Amp
8.0
mA
T
J = −40˚C to 150˚C
5.6
9.0
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF. Machine model, 200Ω in series with 100pF.
Note 3: Shorting the output to either supply or ground will exceed the absolute maximum TJ and can result in failure.
Note 4: The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power dissipation at any ambient temperature is PD =
(TJ(MAX) −TA)/θJA. All numbers apply for packages soldered directly onto a PC board.
Note 5: Typical values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing, characterization or statistical analysis.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com