Electronic Components Datasheet Search
  English  ▼

X  

LMH6672 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6672
Description  Dual, High Output Current, High Speed Op Amp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6672 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMH6672 Datasheet HTML 6Page - National Semiconductor (TI) LMH6672 Datasheet HTML 7Page - National Semiconductor (TI) LMH6672 Datasheet HTML 8Page - National Semiconductor (TI) LMH6672 Datasheet HTML 9Page - National Semiconductor (TI) LMH6672 Datasheet HTML 10Page - National Semiconductor (TI) LMH6672 Datasheet HTML 11Page - National Semiconductor (TI) LMH6672 Datasheet HTML 12Page - National Semiconductor (TI) LMH6672 Datasheet HTML 13Page - National Semiconductor (TI) LMH6672 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Typical Performance Characteristics At T
J = 25˚C, RF = 470Ω gain = +2, RL = 100Ω. Unless
otherwise specified. (Continued)
PSRR vs. Frequency @ 12V
PSRR vs. Frequency @ 5V
20016608
20016607
e
n &in vs. Frequency @ 12V
e
n &in vs. Frequency @ 5V
20016610
20016609
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com