Electronic Components Datasheet Search
  English  ▼

X  

LMH6672 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6672
Description  Dual, High Output Current, High Speed Op Amp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6672 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6672 Datasheet HTML 1Page - National Semiconductor (TI) LMH6672 Datasheet HTML 2Page - National Semiconductor (TI) LMH6672 Datasheet HTML 3Page - National Semiconductor (TI) LMH6672 Datasheet HTML 4Page - National Semiconductor (TI) LMH6672 Datasheet HTML 5Page - National Semiconductor (TI) LMH6672 Datasheet HTML 6Page - National Semiconductor (TI) LMH6672 Datasheet HTML 7Page - National Semiconductor (TI) LMH6672 Datasheet HTML 8Page - National Semiconductor (TI) LMH6672 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Typical Performance Characteristics At T
J = 25˚C, RF = 470Ω gain = +2, RL = 100Ω. Unless oth-
erwise specified.
Output Swing R
L =25Ω,1kΩ @ −40˚C, 25˚C, 85˚C
Positive Output Swing into 1k
Ω
20016635
20016645
Negative Output Swing into 1k
Ω
Positive Output Swing into 25
Ω
20016646
20016644
Negative Output Swing into 25
Ω
+V
OUT vs. ILOAD
20016647
20016640
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com