Electronic Components Datasheet Search
  English  ▼

X  

LMH6672 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6672
Description  Dual, High Output Current, High Speed Op Amp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6672 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMH6672 Datasheet HTML 6Page - National Semiconductor (TI) LMH6672 Datasheet HTML 7Page - National Semiconductor (TI) LMH6672 Datasheet HTML 8Page - National Semiconductor (TI) LMH6672 Datasheet HTML 9Page - National Semiconductor (TI) LMH6672 Datasheet HTML 10Page - National Semiconductor (TI) LMH6672 Datasheet HTML 11Page - National Semiconductor (TI) LMH6672 Datasheet HTML 12Page - National Semiconductor (TI) LMH6672 Datasheet HTML 13Page - National Semiconductor (TI) LMH6672 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Application Notes
Thermal Management
The LMH6672 is a high-speed, high power, dual operational
amplifier with a very high slew rate and very low distortion.
For ease of use, it uses conventional voltage feedback.
These characteristics make the LMH6672 ideal for applica-
tions where driving low impedances of 25-100
Ω such as
xDSL and active filters.
A class AB output stage allows the LMH6672 to deliver high
currents to low impedance loads with low distortion while
consuming low quiescent supply current. For most op-amps,
class AB topology means that internal power dissipation is
rarely an issue, even with the trend to smaller surface mount
packages. However, the LMH6672 has been designed for
applications where high levels of power dissipation may be
encountered.
Several factors contribute to power dissipation and conse-
quently higher junction temperatures. These factors need to
be well understood if the LMH6672 is to perform to specifi-
cations in all applications. This section will examine the
typical application that is shown on the front page of this data
sheet as an example. (Figure 1) Because both amplifiers are
in a single package, the calculations will for the total power
dissipated by both amplifiers.
There are two separate contributors to the internal power
dissipation:
1. The product of the supply voltage and the quiescent
current when no signal is being delivered to the external
load.
2. The additional power dissipated while delivering power
to the external load.
The first of these components appears easy to calculate
simply by inspecting the data sheet. The typical quiescent
supply current for this part is 6.2mA per amplifier, therefore,
with a (6 volt supply, the total power dissipation is:
P
D =VS x2xlQ = 12 x (12.4x10
-3) = 149 mW
(V
S =VCC +VEE)
With a thermal resistance of 172˚C/W for the SOIC package,
this level of internal power dissipation will result in a junction
temperature (T
J) of 26˚C above ambient.
Using the worst-case maximum supply current of 18mA and
an ambient of 85˚C, a similar calculation results in a power
dissipation of 216 mW, or a T
J of 122˚C.
This is approaching the maximum allowed T
J of 150˚C be-
fore a signal is applied. Fortunately, in normal operation, this
term is reduced, for reasons that will soon be explained.
The second contributor to high T
J is the power dissipated
internally when power is delivered to the external load. This
cause of temperature rise is more difficult to calculate, even
when the actual operating conditions are known.
To maintain low distortion, in a Class AB output stage, an idle
current, I
Q,
is maintained through the output transistors
when there is little or no output signal. In the LMH6672,
about 4.8 mA of the total quiescent supply current of 12.4 mA
flows through the output stages.
Under normal large signal conditions, as the output voltage
swings positive, one transistor of the output pair will conduct
the load current, while the other transistor shuts off, and
dissipates no power. During the negative signal swing this
situation is reversed, with the lower transistor sinking the
load current while the upper transistor is cut off. The current
in each transistor will approximate a half wave rectified
version of the total load current.
Because the output stage idle current is now routed into the
load, 4.8mA can be subtracted from the quiescent supply
current when calculating the quiescent power when the out-
put is driving a load.
The power dissipation caused by driving a load in a DSL
application, using a 1:2 turns ratio transformer driving 20
mW into the subscriber line and 20mW into the back termi-
nation resistors, can be calculated as follows:
P
DRIVER =PTOT –(PTERM +PLINE) where
P
DRIVER is the LMH6672 power dissipation
P
TOT is the total power drawn from the power supply
P
TERM is the power dissipated in the back termination resis-
tors
P
LINE is the power sent into the subscriber line
At full specified power, P
TERM =PLINE = 20mW, PTOT =VS
xI
S.
In this application, V
S = 12V.
I
S =IQ +AVG |IOUT|.
I
Q = the LMH6672 quiescent current minus the output stage
idle current.
I
Q = 12.4 - 4.8 = 7.6mA
A
VG |IOUT| for a full-rate ADSL CPE application, using a 1:2
turns ratio transformer, is
= 28.28mA RMS.
For a Gaussian signal, which the DMT ADSL signal approxi-
mates, A
VG |IOUT|=
= 22.6mA. Therefore, P
TOT
= (22.6mA + 7.6mA) x 12V = 362mW and P
DRIVER is 362-40
= 322mW.
In the SOIC package, with a
θ
JA of 172˚C/W, this causes a
temperature rise of 55˚C. With an ambient temperature at
the maximum recommended 85˚C, the T
J is at 140˚C, well
below the specified 150˚C maximum.
Even if we assume the absolute maximum I
S over tempera-
ture of 18mA, when we scale up the I
Q proportionally to 7mA,
the P
DRIVER only goes up by 41mW causing a 62˚C rise to
147˚C.
Although very few CPE applications will ever operate in an
environment as hot as 85˚C, if a lower T
J is desired or the
LMH6672 is to be used in an application where the power
dissipation is higher, the PSOP package provides a much
lower
θ
JA of only 58.6˚C/W.
Using the same P
DRIVER as above, we find that the tempera-
ture rise is only 19˚ and 21˚C, resulting in T
J’s in an 85˚C
ambient of 104˚C and 106˚C respectively.
Circuit Layout Considerations
National Semiconductor suggests the following evaluation
boards as a guide for high frequency layout and as an aid in
device testing and characterization. Since the exposed PAD
(or DAP) of the PSOP and LLP package is internally floating,
the footprint for DAP could be connected to ground plane in
PCB for better heat dissipation.
Device
Package
Evaluation
Board PN
LMH6672MA
8-Pin SOIC
CLC730036
LMH6672LD
8-Pin LLP
CLC730114
LMH6672MR
8-Pin PSOP
CLC730121
These free evaluation boards are shipped when a device
sample request is placed with National Semiconductor.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com