Electronic Components Datasheet Search
  English  ▼

X  

3948 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # 3948
Description  DMOS FULL-BRIDGE PWM MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3948 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button 3948 Datasheet HTML 4Page - Allegro MicroSystems 3948 Datasheet HTML 5Page - Allegro MicroSystems 3948 Datasheet HTML 6Page - Allegro MicroSystems 3948 Datasheet HTML 7Page - Allegro MicroSystems 3948 Datasheet HTML 8Page - Allegro MicroSystems 3948 Datasheet HTML 9Page - Allegro MicroSystems 3948 Datasheet HTML 10Page - Allegro MicroSystems 3948 Datasheet HTML 11Page - Allegro MicroSystems 3948 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
3948
DMOS FULL-BRIDGE
PWM MOTOR DRIVER
www.allegromicro.com
9
A3948SLB
A3948SB
Terminal Name
Terminal Description
(SOIC)
(DIP)
CP
Reservoir capacitor (typically 0.22
µF)
1
24
CP1 & CP2
The charge pump capacitor (typically 0.22
µF)
2 & 3
1 & 2
PHASE
Logic input for direction control (see also D15)
4
3
OSC
Logic-level oscillator (square wave) input
5
4
GROUND
Grounds
6, 7
5, 6, 7, 8*
LOGIC SUPPLY
VDD, the low voltage (typically 5 V) supply
8
9
ENABLE
Logic input for enable control (see also D14)
9
10
DATA
Logic-level input for serial interface
10
11
CLOCK
Logic input for serial port (data is entered on rising edge)
11
12
STROBE
Logic input for serial port (active on rising edge)
12
13
REF
VREF, the load current reference input volt. (see also D16)
13
14
MODE
Logic input for PWM mode control (see also D17)
14
15
NO CONNECT
No (Internal) Connection
15
—
OUTA
One of two DMOS bridge outputs to the motor
16
16
SENSE
Sense resistor
17
17
GROUND
Grounds
18, 19
18, 19*
LOAD SUPPLY
VBB, the high-current, 20 V to 50 V, motor supply
20
20
OUTB
One of two DMOS bridge outputs to the motor
21
21
NO CONNECT
No (Internal) connection
22
—
RANGE
Logic Input for VREF range control (see also D16)
23
22
VREG
Regulator decoupling capacitor (typically 0.22
µF)
24
23
* For the A3948SB DIP only, there is an indeterminate resistance between the substrate grounds (pins 6, 7, 18,
and 19) and the grounds at pins 5 and 8. Pins 5 and 8, and 6, 7, 18, or 19 must be connected together externally.
Terminal List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com