Electronic Components Datasheet Search
  English  ▼

X  

3948 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3948
Description  DMOS FULL-BRIDGE PWM MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3948 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3948 Datasheet HTML 1Page - Allegro MicroSystems 3948 Datasheet HTML 2Page - Allegro MicroSystems 3948 Datasheet HTML 3Page - Allegro MicroSystems 3948 Datasheet HTML 4Page - Allegro MicroSystems 3948 Datasheet HTML 5Page - Allegro MicroSystems 3948 Datasheet HTML 6Page - Allegro MicroSystems 3948 Datasheet HTML 7Page - Allegro MicroSystems 3948 Datasheet HTML 8Page - Allegro MicroSystems 3948 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
3948
DMOS FULL-BRIDGE PWM
MOTOR DRIVER
Always order by complete part number:
Part Number
Package
RθθθθθJA
RθθθθθJT
A3948SB
24-pin batwing DIP
40
°C/W
6
°C/W
A3948SLB
24-lead batwing SOIC
77
°C/W
6
°C/W
Designed for pulse-width modulated (PWM) current control of dc
motors, the A3948SB and A3948SLB are capable of continuous output
currents to
±1.5 A and operating voltages to 50 V. Internal fixed off-
time PWM current-control timing circuitry can be programmed via a
serial interface to operate in slow, fast, and mixed current-decay
modes. Similar devices with outputs rated to
±2 A are available as the
A3958SB/SLB.
PHASE and ENABLE input terminals are provided for use in
controlling the speed and direction of a dc motor with externally
applied PWM-control signals. The ENABLE input can be
programmed via the serial port to PWM the bridge in fast or slow
current decay. Internal synchronous rectification control circuitry is
provided to reduce power dissipation during PWM operation.
Internal circuit protection includes thermal shutdown with
hysteresis, and crossover-current protection. Special power-up
sequencing is not required.
The A3948SB/SLB is supplied in a choice of two power
packages, a 24-pin plastic DIP with a copper batwing tab (package
suffix ‘B’), and a 24-lead plastic SOIC with a copper batwing tab
(package suffix ‘LB’). In both cases, the power tab is at ground
potential and needs no electrical isolation.
FEATURES
s
±1.5 A, 50 V Continuous Output Rating
s Low r
DS(on) Outputs
s Programmable Mixed, Fast, and Slow Current-Decay Modes
s Serial Interface Controls Chip Functions
s Synchronous Rectification for Low Power Dissipation
s Internal UVLO and Thermal-Shutdown Circuitry
s Crossover-Current Protection
A3948SLB (SOIC)
VBB
24
23
22
21
20
19
18
17
16
15
14
13
GROUND
GROUND
RANGE
NO
CONNECTION
OUTB
LOAD SUPPLY
SENSE
OUTA
NO
CONNECTION
MODE
REF
VREG
Dwg. PP-069A
1
2
3
4
5
6
7
8
9
12
11
10
9
GROUND
GROUND
CP
CP2
CP1
PHASE
VDD
ENABLE
DATA
CLOCK
STROBE
LOGIC SUPPLY
θ
OSC
NC
NC
÷
ABSOLUTE MAXIMUM RATINGS
Load Supply Voltage, VBB .................. 50 V
Output Current, IOUT........................ ±1.5 A
Logic Supply Voltage, VDD ................ 7.0 V
Input Voltage, VIN .... -0.3 V to VDD + 0.3 V
Sense Voltage, VS .......................... 0.55 V
Reference Voltage, VREF .................. 5.5 V
Package Power Dissipation (TA = 25°C), PD
A3948SB ................................. 3.1 W*
A3948SLB ............................... 1.6 W*
Operating Temperature Range,
TA ............................... -20°C to +85°C
Junction Temperature,
TJ ............................................ +150°C
Storage Temperature Range,
TS ............................. -55°C to +150°C
Output current rating may be limited by duty cycle,
ambient temperature, and heat sinking. Under any
set of conditions, do not exceed the specified
current rating or a junction temperature of 150
°C.
* Per SEMI G42-88 Specification.
Note that the A3948SLB(SOIC) and A3948SB
(DIP) do not share a common terminal
assignment.


Similar Part No. - 3948

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3948 ADAFRUIT-3948 Datasheet
670Kb / 2P
20mm Height Metal Caster Bearing Wheel
10-23-18
logo
ERNI Electronics
394812 ERNI-394812 Datasheet
78Kb / 1P
Federleiste M12 8 Pol CAT6A
logo
Molex Electronics Ltd.
39484-0002 MOLEX-39484-0002 Datasheet
702Kb / 2P
Positive-Locking Terminal Block System
39484-0002 MOLEX11-39484-0002 Datasheet
37Kb / 1P
4.00mm Pitch Positive Locking Terminal Block Plug, Tin Plating, 2 Circuits
39484-0003 MOLEX-39484-0003 Datasheet
702Kb / 2P
Positive-Locking Terminal Block System
More results

Similar Description - 3948

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3958 ALLEGRO-3958 Datasheet
176Kb / 12P
DMOS FULL-BRIDGE PWM MOTOR DRIVER
A3959SB ALLEGRO-A3959SB Datasheet
306Kb / 12P
DMOS FULL-BRIDGE PWM MOTOR DRIVER
3958 ALLEGRO-3958_02 Datasheet
171Kb / 12P
DMOS FULL-BRIDGE PWM MOTOR DRIVER
A4950 ALLEGRO-A4950 Datasheet
230Kb / 9P
Full-Bridge DMOS PWM Motor Driver
A4950_V3 ALLEGRO-A4950_V3 Datasheet
231Kb / 9P
Full-Bridge DMOS PWM Motor Driver
A3959 ALLEGRO-A3959 Datasheet
557Kb / 11P
DMOS Full-Bridge PWM Motor Driver
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
Full-Bridge DMOS PWM Motor Driver
A3959SLPTR ALLEGRO-A3959SLPTR Datasheet
541Kb / 11P
DMOS Full-Bridge PWM Motor Driver
A3959 ALLEGRO-A3959_16 Datasheet
562Kb / 12P
DMOS Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com